Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2020 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX2020
Description  32V, 1A Step down High Brightness LED Driver with 5000:1 Dimming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2020 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX2020 Datasheet HTML 1Page - AXElite technology co. ltd AX2020 Datasheet HTML 2Page - AXElite technology co. ltd AX2020 Datasheet HTML 3Page - AXElite technology co. ltd AX2020 Datasheet HTML 4Page - AXElite technology co. ltd AX2020 Datasheet HTML 5Page - AXElite technology co. ltd AX2020 Datasheet HTML 6Page - AXElite technology co. ltd AX2020 Datasheet HTML 7Page - AXElite technology co. ltd AX2020 Datasheet HTML 8Page - AXElite technology co. ltd AX2020 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.27, 2019
AX2020
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VIN
-0.3 to 40
V
Driver output Voltage
SW
-0.3 to 40
V
Current sense input (Respect to VIN)
CSN
+0.3 to (-6.0)
V
Logic level dimming input
DIM
-0.3 to +6
V
Switch output current
ISW
1.2
A
Power Dissipation
PDMAX
1.5
W
Operation Junction Temperature Range
TJ
-40 to 125
°C
Storage Temperature
TSTG
-55 to 150
°C
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
50
°C/W
Note: θJA is measured with the PCB copper are (need connect to tap) of approximately 1 in2 (Multi-layer).
ELECTRICAL CHARACTERISTICS
The following specifications apply for VIN = 12V, TA=25°C, unless specified otherwise.
Characteristics
Symbol
Conditions
Min
Typ Max Units
Input voltage
VIN
8
-
32
V
Under voltage lock out
VUVLO VIN rising
-
7
-
V
UVLO Hysterisis
VUVLO_hys VIN falling
-
1000
-
mV
Max. Switching Frequency
FSW
-
-
1
MHZ
Current Sense
Mean current sense threshold voltage
VCSN
VIN–VCSN
115
130
145
mV
Sense threshold hysteresis
VCSN_hys
-
±15
-
%
CSN Pin Input Current
ICSN
VIN–VCSN = 50mV
-
0.5
-
μA
DIM Input
DIM input voltage High
VDIM_H
2.0
-
-
V
DIM input voltage Low
VDIM_L
-
-
0.3
V
Max. DIM Frequency
fDIM
fOSC = 500kHz
-
-
50
kHZ
Duty cycle range of low frequency
dimming
DPWM_LF
fDIM = 100Hz
0.02%
-
1
Brightness control range
-
5000:1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com