Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2020 Datasheet(PDF) 11 Page - AXElite technology co. ltd

Part # AX2020
Description  32V, 1A Step down High Brightness LED Driver with 5000:1 Dimming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2020 Datasheet(HTML) 11 Page - AXElite technology co. ltd

Back Button AX2020 Datasheet HTML 4Page - AXElite technology co. ltd AX2020 Datasheet HTML 5Page - AXElite technology co. ltd AX2020 Datasheet HTML 6Page - AXElite technology co. ltd AX2020 Datasheet HTML 7Page - AXElite technology co. ltd AX2020 Datasheet HTML 8Page - AXElite technology co. ltd AX2020 Datasheet HTML 9Page - AXElite technology co. ltd AX2020 Datasheet HTML 10Page - AXElite technology co. ltd AX2020 Datasheet HTML 11Page - AXElite technology co. ltd AX2020 Datasheet HTML 12Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.27, 2019
AX2020
PACKAGE OUTLINES
C
A
I
H
G
E
B
F
F
K
J
L
Lead Pattern Recommendation (Unit: mm)
I
I
M
P
Q
1.5
0.55
1.8
0.6
0.6
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.4
4.5
4.6
0.173
0.177
0.181
B
4.05
4.15
4.25
0.159
0.163
0.167
C
1.4
1.6
1.7
0.055
0.062
0.067
E
2.4
2.5
2.6
0.094
0.098
0.102
F
0.8
-
-
0.031
-
-
G
3.00 REF.
0.118 REF.
H
1.50 REF.
0.059 REF.
I
0.36
0.46
0.53
0.014
0.018
0.02
J
1.4
1.5
1.6
0.055
0.059
0.063
K
0.35
0.39
0.43
0.014
0.015
0.017
L
8o TYP.
8o TYP.
M
0.38
0.47
0.6
0.015
0.019
0.024
N
0.2
0.18
0.4
0.008
0.007
0.026
P
0.48
0.57
0.67
0.019
0.022
0.027
Q
-
-
0.4
-
-
0.016
JEDEC outline: NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com