Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2020 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX2020
Description  32V, 1A Step down High Brightness LED Driver with 5000:1 Dimming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2020 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX2020 Datasheet HTML 1Page - AXElite technology co. ltd AX2020 Datasheet HTML 2Page - AXElite technology co. ltd AX2020 Datasheet HTML 3Page - AXElite technology co. ltd AX2020 Datasheet HTML 4Page - AXElite technology co. ltd AX2020 Datasheet HTML 5Page - AXElite technology co. ltd AX2020 Datasheet HTML 6Page - AXElite technology co. ltd AX2020 Datasheet HTML 7Page - AXElite technology co. ltd AX2020 Datasheet HTML 8Page - AXElite technology co. ltd AX2020 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.27, 2019
AX2020
32V,1A Step-down High Brightness
LED Driver with 5000:1 Dimming
GENERAL DESCRIPTION
The AX2020 is a continuous conduction mode inductive step-down converter, designed
for driving single or multiple series connected LED efficiently from a voltage source higher
than the total LED chain voltage. The device operates from an input supply between 8V and
32V and provides an externally adjustable output current of up to 1A. Depending upon the
supply voltage and external components, the AX2020 can provide more than 15 watts of
output power. The AX2020 includes the power switch and a high-side output current sensing
circuit, which uses an external resistor to set the nominal average output current, and a
dedicated DIM input accepts a wide range of pulsed dimming. Applying a voltage of 0.3V or
lower to the DIM pin turns the output off and switches the device into a low current standby
state.
The AX2020 is available in SOT89-5L package.
FEATURES
- Simple low parts count
- Wide input voltage range: 8V to 32V
- Up to 1A output current
- Single pin on/off and brightness control using PWM
- Up to 1MHz switching frequency
- Typical 5% output current accuracy
- High-Side Current Sense
- Hysteretic Control: No Compensation
- Adjustable Constant LED Current
- RoHS and Halogen free compliance


Similar Part No. - AX2020

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AX200 INTEL-AX200 Datasheet
177Kb / 3P
Nearly 40% higher peak data rates and up to 4x capacity
logo
Microsemi Corporation
AX2000 MICROSEMI-AX2000 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
AX2000 MICROSEMI-AX2000 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
AX2000-1BG896 ACTEL-AX2000-1BG896 Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX2000-1BG896B ACTEL-AX2000-1BG896B Datasheet
2Mb / 226P
Axcelerator Family FPGAs
More results

Similar Description - AX2020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
Step-Down 1A LED Driver
logo
Advanced Power Electron...
APE1630 A-POWER-APE1630 Datasheet
612Kb / 11P
32V,1A STEP-DOWN HIGH BRIGHTNESS LED DRIVER WITH 5000:1 DIMMING
logo
Taiwan Semiconductor Co...
TS19376 TSC-TS19376 Datasheet
152Kb / 8P
1A Step-down High Brightness LED Driver
logo
Linear Technology
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
Step-Down 1A LED Driver
logo
Maxim Integrated Produc...
MAX16819 MAXIM-MAX16819_15 Datasheet
918Kb / 9P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 3; 2/15
logo
SHANGHAI BELLING CO., L...
BL9582B BELLING-BL9582B Datasheet
1Mb / 16P
32V, 1.4A Step-down High Brightness LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7210 MAXIC-MT7210 Datasheet
137Kb / 1P
400V Step-down high brightness LED driver
logo
List of Unclassifed Man...
PT4115 ETC2-PT4115 Datasheet
1Mb / 18P
30V, 1.2A Step-down High Brightness LED Driver with 5000:1 Dimming
logo
Shenzhen Huazhimei Semi...
HM4115 HMSEMI-HM4115 Datasheet
478Kb / 7P
1A, Step-down High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com