Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2020 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX2020
Description  32V, 1A Step down High Brightness LED Driver with 5000:1 Dimming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2020 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX2020 Datasheet HTML 1Page - AXElite technology co. ltd AX2020 Datasheet HTML 2Page - AXElite technology co. ltd AX2020 Datasheet HTML 3Page - AXElite technology co. ltd AX2020 Datasheet HTML 4Page - AXElite technology co. ltd AX2020 Datasheet HTML 5Page - AXElite technology co. ltd AX2020 Datasheet HTML 6Page - AXElite technology co. ltd AX2020 Datasheet HTML 7Page - AXElite technology co. ltd AX2020 Datasheet HTML 8Page - AXElite technology co. ltd AX2020 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.27, 2019
AX2020
BLOCK DIAGRAM
V25
GATE
DRIVER
Driver
+
-
+
-
DIM
BUFFER
VIN
CSN
DIM
2.5V
UVLO
COMPARATOR
CS
COMPARATOR
GND
SW
70µ
130mV
PIN ASSIGNMENT
The package of AX2020 is SOT89-5L; the pin assignment is given by:
SOT89-5L
(Top View)
3
2
1
5
4
SW
GND
DIM
CSN
VIN
AX2020
GND
Name
Description
SW
Switch Output. SW is the output of
the internal driver switch.
GND
Signal and power ground. Connect
directly to ground plane.
DIM
Logic level dimming input. Drive
DIM low to turn off the current
regulator. Drive DIM high to enable
the current regulator.
CSN
Current sense input
VIN
Input Supply Pin. Must be locally
bypassed.
ORDER/MARKING INFORMATION
Order Information
Top Marking
AX2020 XX X
Package Type
Packing
Blank : Tube
A : Taping
F5: SOT89-5L
2
Part number
ID code: internal
WW: 01~26 (A~Z)
27~52 (a~z)
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
WX
0 2 0
Y
:
Z=2044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com