Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2926PCBA Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2926PCBA
Description  UHF DUAL CONVERSION TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2926PCBA Datasheet(HTML) 2 Page - RF Micro Devices

  RF2926PCBA Datasheet HTML 1Page - RF Micro Devices RF2926PCBA Datasheet HTML 2Page - RF Micro Devices RF2926PCBA Datasheet HTML 3Page - RF Micro Devices RF2926PCBA Datasheet HTML 4Page - RF Micro Devices RF2926PCBA Datasheet HTML 5Page - RF Micro Devices RF2926PCBA Datasheet HTML 6Page - RF Micro Devices RF2926PCBA Datasheet HTML 7Page - RF Micro Devices RF2926PCBA Datasheet HTML 8Page - RF Micro Devices RF2926PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
11-186
RF2926
Rev A5 010404
11
Absolute Maximum Ratings
Parameter
Ratings
Unit
Supply Voltage
-0.5 to +5.5
VDC
Control Voltages
-0.5 to +5.0
VDC
Input RF Level
+10
dBm
Output Load VSWR
50:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=3.6V, Freq=433MHz
RF Frequency Range
300 to 1000
MHz
VCO
VCO Frequency Range
300 to 1000
MHz
VCO OUT Level
-18
dBm
50
Ω load impedance
VCO OUT Impedance
50
Transmit Section
Max Modulation Frequency
2
MHz
Min Modulation Frequency
Set by loop filter bandwidth
Maximum Power Level
+2
dBm
Freq= 433MHz
Power Control Range
20
dB
Power Control Sensitivity
TBD
dB/V
See plot
Max FM Deviation
200
kHz
Instantaneous frequency deviation is
inversely proportional with the modulation
voltage
Antenna Port Impedance
50
TX ENABL= “1”
Antenna Port Impedance
TBD
TX ENABL= “0”
Antenna Port VSWR
1.5:1
TX Mode
Modulation Input Impedance
4
k
Harmonics
-50
dBm
Measured on eval board with RF filters in
system.
Spurious
TBD
dBc
Overall Receive Section
Frequency Range
300 to 1000
MHz
RX Sensitivity
-99
dBm
IF BW = 400kHz, Freq= 915MHz, S/N= 8dB
RSSI DC Output Range
0.7 to 2.2
V
RLOAD=51kΩ
RSSI Sensitivity
25
mV/dB
See plot
RSSI Dynamic Range
70
80
dB
LNA and Mixer
Cascaded Gain
18
dB
Freq= 915MHz; RX current 12mA
Cascaded Noise Figure
7
dB
Freq= 915MHz; RX current 12mA
Cascaded Input IP3
-18.5
dBm
Freq= 915MHz; RX current 12mA
LO Leakage
-70
dBm
First IF Section
IF 3dB Bandwidth
130
MHz
Voltage Gain
34
dB
IF = 110.6MHz, ZL=330Ω
Noise Figure
13
dB
Input IP3
TBD
mVPP
IF1 Input Impedance
330
IF1 Output Impedance
330
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com