Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2926PCBA Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2926PCBA
Description  UHF DUAL CONVERSION TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2926PCBA Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2926PCBA Datasheet HTML 2Page - RF Micro Devices RF2926PCBA Datasheet HTML 3Page - RF Micro Devices RF2926PCBA Datasheet HTML 4Page - RF Micro Devices RF2926PCBA Datasheet HTML 5Page - RF Micro Devices RF2926PCBA Datasheet HTML 6Page - RF Micro Devices RF2926PCBA Datasheet HTML 7Page - RF Micro Devices RF2926PCBA Datasheet HTML 8Page - RF Micro Devices RF2926PCBA Datasheet HTML 9Page - RF Micro Devices RF2926PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
11-190
RF2926
Rev A5 010404
11
Pin
Function
Description
Interface Schematic
30
RESNTR+
This port is used to supply DC voltage to the VCO as well as to tune the
center frequency of the VCO. Equal value inductors should be con-
nected to this pin and pin 31 although a small imbalance can be used
to tune in the proper frequency range.
31
RESNTR-
See RESNTR+ description.
See pin 30.
32
VCC2
This pin is used is supply DC bias to the VCO and buffer amps. A 10nF
capacitor is recommended for 10.7MHz IF applications.
33
GND4
GND4 is the ground shared on chip by the VCO, prescaler, and PLL
electronics.
34
MOD IN
FM analog or digital modulation can be imparted to the VCO through
this pin. The VCO varies in accordance to the voltage level presented
to this pin. To set the deviation to a desired level, a voltage divider refer-
enced to VCC is the recommended. This deviation is also dependent
upon the overall capacitance of the external resonant circuit.
See pin 30.
35
VCO OUT
This pin is used is supply a buffered VCO output to go to the PLL chip.
This pin has a DC bias and needs to be AC coupled.
36
LO-
Balanced input for the first LO. This signal is presented to both the
receiver second downconverter and transmit upconvertor.
37
LO+
Complementary input of LO-.
See pin 36.
38
GND8
Ground for LO amp and transmit upconvertor. Keep traces physically
short and immediately to the ground plane for best performance.
39
UP CONV
The output of the transmit signal upconvertor. This signal should be fil-
tered to remove the undesired sideband and spurs before being applied
to the PA input, pin 45.
40
GND9
Same as pin 38.
See pin 38.
41
VCC1
This pin is used to supply DC bias to the receiver RF electronics. A RF
bypass capacitor should be connected directly to this pin and returned
to ground. A 100pF capacitor is recommended for 915MHz applica-
tions. A 220pF capacitor is recommended for 433MHz applications.
42
MUTE
This pin is used to mute the data output (DATA OUT). MUTE>2.0V
turns the DATA OUT signal on. MUTE<1.0V turns the DATA OUT signal
off. The MUTE signal should be logic low in the Sleep Mode.
43
MIX CA
Mixer Current Adjust. This pin is used to adjust the current in the
receiver. A resistor connected to ground controls the bias current in the
mixer. The resistor should vary between 1k
Ω to open circuit to vary the
current from 18mA to 10.6mA
44
PA INP
Input of the transmit power amplifier.
45
VCC3
This pin is used to supply DC bias to the transmitter PA. A RF bypass
capacitor should be connected directly to this pin and returned to
ground. A 100pF capacitor is recommended for 915MHz applications.
A 220pF capacitor is recommended for 433MHz applications.
RESNTR-
RESNTR+
4k
Ω
MOD IN
VCO OUT
LO+
LO-
25 k
Ω
75 k
Ω
MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com