Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2926PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2926PCBA
Description  UHF DUAL CONVERSION TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2926PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF2926PCBA Datasheet HTML 1Page - RF Micro Devices RF2926PCBA Datasheet HTML 2Page - RF Micro Devices RF2926PCBA Datasheet HTML 3Page - RF Micro Devices RF2926PCBA Datasheet HTML 4Page - RF Micro Devices RF2926PCBA Datasheet HTML 5Page - RF Micro Devices RF2926PCBA Datasheet HTML 6Page - RF Micro Devices RF2926PCBA Datasheet HTML 7Page - RF Micro Devices RF2926PCBA Datasheet HTML 8Page - RF Micro Devices RF2926PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
11-185
11
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
RSSI
2
4
8
10
12
13
15
14
16
18
20
21
22
23
24
25
27
30
31
34
35
36
37
39
44
46
Gain
Control
43
VCO OUT
MOD IN
RESNTR-
RESNTR+
DATA REF
MIX OUT-
MIX OUT+
MIX IN
MIX CA
LNA OUT
RX IN
TX OUT
28
DEMOD IN
26
FM OUT
RF2926
UHF DUAL CONVERSION TRANSCEIVER
• Wireless Meter Reading
• Keyless Entry Systems
• 433/868/915MHz ISM Band Systems
• Wireless Data Transceiver
• Wireless Security Systems
• Battery Powered Portable Devices
The RF2926 is a monolithic integrated circuit intended for
use as a low cost FM transceiver. The device is provided
in 48-lead plastic TQFP packaging and is designed to
provide a dual conversion, half-duplex transceiver. The
chip is intended for linear (AM, FM) or digital (ASK, FSK,
OOK) applications in the North American 915MHz and
European 433/868MHz ISM bands. The integrated VCO
has a buffered output to feed the RF signal back to the
PLL IC to form the frequency synthesizer. Separate RX
ENABL, TX ENABL, and PLL ENABL lines allow for half
duplex operation as well as turning on the VCO to give
the synthesizer time to settle and complete power down-
mode.
• Monolithic Integrated Transceiver
• 2.7V to 5.0V Supply Voltage
• Narrow Band and Wide Band FM/FSK
• 300MHz to 1000MHz Frequency Range
• 130MHz Bandwidth in First IF
• 5mW Output Power at 433MHz
RF2926
UHF Dual Conversion Transceiver
RF2926 PCBA
Fully Assembled Evaluation Board
11
Rev A5 010404
.362
.346
.280
.272
7°MAX
0°MIN
.007
.011
.007
.362
.346
.280
.272
.057
.053
.006
.002
.020
.031
.021
MAX
Package Style: LQFP-48


Similar Part No. - RF2926PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
More results

Similar Description - RF2926PCBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3690 INTERSIL-ISL3690 Datasheet
36Kb / 1P
Dual Band Direct Conversion Transceiver
March 2003
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
Direct Down Conversion Transceiver
March 2002
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
UHF ASK/FSK TRANSCEIVER
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
Direct Conversion Transceiver
March 2003
logo
Radiometrix Ltd
SP2-433-160 RADIOMETRIX-SP2-433-160 Datasheet
702Kb / 27P
UHF SpacePort Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
Transceiver Low Power Integrated UHF Transceiver
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
Direct Conversion Transceiver
logo
ATMEL Corporation
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
UHF ASK/FSK Transceiver
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
Direct Conversion Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com