Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2926PCBA Datasheet (PDF) - RF Micro Devices

RF2926PCBA Datasheet PDF - RF Micro Devices
Part # RF2926PCBA
Download  RF2926PCBA Download
File Size   342.97 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description UHF DUAL CONVERSION TRANSCEIVER

RF2926PCBA Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2926PCBA Datasheet PDF - RF Micro Devices

Part # RF2926PCBA
Download  RF2926PCBA Click to download

File Size   342.97 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description UHF DUAL CONVERSION TRANSCEIVER

RF2926PCBA Datasheet (HTML) - RF Micro Devices


RF2926PCBA Product details

Product Description
The RF2926 is a monolithic integrated circuit intended for use as a low cost FM transceiver. The device is provided in 48-lead plastic TQFP packaging and is designed to provide a dual conversion, half-duplex transceiver. The chip is intended for linear (AM, FM) or digital (ASK, FSK, OOK) applications in the North American 915MHz and European 433/868MHz ISM bands. The integrated VCO has a buffered output to feed the RF signal back to the PLL IC to form the frequency synthesizer.

Features
• Monolithic Integrated Transceiver
• 2.7V to 5.0V Supply Voltage
• Narrow Band and Wide Band FM/FSK
• 300MHz to 1000MHz Frequency Range
• 130MHz Bandwidth in First IF
• 5mW Output Power at 433MHz

Typical Applications
• Wireless Meter Reading
• Keyless Entry Systems
• 433/868/915MHz ISM Band Systems
• Wireless Data Transceiver
• Wireless Security Systems
• Battery Powered Portable Devices




Similar Part No. - RF2926PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
More results


Similar Description - RF2926PCBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3690 INTERSIL-ISL3690 Datasheet
36Kb / 1P
Dual Band Direct Conversion Transceiver
March 2003
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
Direct Down Conversion Transceiver
March 2002
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
UHF ASK/FSK TRANSCEIVER
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
Direct Conversion Transceiver
March 2003
logo
Radiometrix Ltd
SP2-433-160 RADIOMETRIX-SP2-433-160 Datasheet
702Kb / 27P
UHF SpacePort Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
Transceiver Low Power Integrated UHF Transceiver
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
Direct Conversion Transceiver
logo
ATMEL Corporation
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
UHF ASK/FSK Transceiver
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
Direct Conversion Transceiver
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com