Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP-300PMS Datasheet(PDF) 1 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-300PMS
Description  5MP Stainless IR Dome Camera
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-300PMS Datasheet(HTML) 1 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  SBP-300PMS Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 4Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 5Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
XNV-8080RSA
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.
1/5
XNV-8080RSA
5MP Stainless IR Dome Camera
Key Features
• Max. 5Megapixel (2560x1920) resolution
• 3.9 ~ 9.4mm (2.4x) motorized varifocal lens
• Max. 30fps@all resolutions (H.265 / H.264)
• H.265, H.264, MJPEG codec supported, Multiple streaming
• Day & Night (ICR), WDR (120dB), Defog
• Loitering, Directional detection, Tampering, Audio detection, Digital auto tracking, Fog
detection, Sound classification
• Motion detection, Handover
• SD/SDHC/SDXC memory 2slots (Max. 512GB)
• Hallway view, WiseStream II support
• IR viewable length 50m
• IP66, IP6K9K, IK10+, NEMA4X
• LDC, PoE support
Compatible Accessories
(Optional)
SBP-300PMS
SBP-300KMS
SBP-300HMS6 SBP-300WMS1
SBP-300WMS


Similar Part No. - SBP-300PMS

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBP-300PMS HANWHAVISION-SBP-300PMS Datasheet
960Kb / 5P
Stainless IR Fisheye Camera
Ver 202405
SBP-300PMS HANWHAVISION-SBP-300PMS Datasheet
894Kb / 5P
2M H.265 Stainless 32x PTZ Camera
SBP-300PMS HANWHAVISION-SBP-300PMS Datasheet
1Mb / 4P
2M H.265 Stainless IR Dome Camera
SBP-300PMS HANWHAVISION-SBP-300PMS Datasheet
1Mb / 5P
2MP Stainless IR Dome Camera
SBP-300PMS HANWHAVISION-SBP-300PMS Datasheet
1,021Kb / 5P
2M H.265 Stainless IR Dome Camera
More results

Similar Description - SBP-300PMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCM-500A ETC2-TCM-500A Datasheet
377Kb / 1P
5MP Camera Module
logo
Level One
FCS-3053 LVL1-FCS-3053 Datasheet
683Kb / 4P
Fixed Dome Network Camera
FCS-3054 LVL1-FCS-3054 Datasheet
567Kb / 4P
Fixed Dome Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
Fixed Dome Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
Fixed Dome Network Camera
FCS-3102 LVL1-FCS-3102 Datasheet
147Kb / 4P
Fixed Dome Network Camera
FCS-4302 LVL1-FCS-4302 Datasheet
396Kb / 4P
PTZ Dome Network Camera
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
logo
Honeywell Solid State E...
H4W2PER2V HONEYWELL-H4W2PER2V Datasheet
562Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
H4W2PER3V HONEYWELL-H4W2PER3V Datasheet
561Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com