Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP-300PMS Datasheet(PDF) 4 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-300PMS
Description  5MP Stainless IR Dome Camera
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-300PMS Datasheet(HTML) 4 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  SBP-300PMS Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 4Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 5Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
XNV-8080RSA
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.
4/5
Certifications & Standards
EMC
FCC 47 CFR 15 Subpart B Class A
ICES-3(A)/NMB-3(A)
CE/UKCA
- EN 55032 Class A, EN 50130-4
VCCI CISPR 32 Class A
RCM AS/NZS CISPR 32 Class A
KS C 9832 Class A , KS C 9835
Safety
UL 60950-1, CAN/CSA C22.2 NO. 60950-1
IEC/EN 62471
Environment
IEC/EN 63000
IEC/EN 60529 IP66, ISO 20653 IP6K9K, IEC/EN 62262 IK10+
NEMA 250 type 4X
NSF/ANSI 169-2016: Special purpose food equipment and devices
DORI (EN62676-4 standard)
Detect (25PPM/ 8PPF)
Wide: 48.6m(159.41ft) / Tele: 148.7m(487.85ft)
Observe (63PPM/ 19PPF)
Wide: 19.4m(63.76ft) / Tele: 59.5m(195.14ft)
Recognize (125PPM/ 38PPF)
Wide: 9.7m(31.88ft) / Tele: 29.7m(97.57ft)
Identify (250PPM/ 76PPF)
Wide: 4.9m(15.94ft) / Tele: 14.9m(48.78ft)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com