Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP-300PMS Datasheet(PDF) 3 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-300PMS
Description  5MP Stainless IR Dome Camera
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-300PMS Datasheet(HTML) 3 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  SBP-300PMS Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 4Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 5Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
XNV-8080RSA
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.
3/5
Analytics
Defocus detection, Directional detection, Fog detection, Face detection, Motion detection, Digital auto
tracking, Appear/Disappear, Enter/Exit, Loitering, Tampering, Virtual line, Audio detection, Sound
classification
Alarm I/O
Input 1ea / Output 1ea
Alarm Triggers
Analytics, Network disconnect, Alarm input
Alarm Events
File upload via FTP and e-mail
Notification via e-mail
SD/SDHC/SDXC or NAS recording at event triggers
Alarm output
Handover
Audio In
Selectable(mic in/line in)
Supply voltage: 2.5VDC(4mA), Input impedance: 2K Ohm
Audio Out
Line out, Max.output level: 1Vrms
IR Viewable Length
50m(164.04ft)
Network
Ethernet
RJ-45(10/100BASE-T)
Video Compression
H.265/H.264: Main/Baseline/High, MJPEG
Audio Compression
G.711 u-law /G.726 Selectable
G.726(ADPCM) 8KHz, G.711 8KHz
G.726: 16Kbps, 24Kbps, 32Kbps, 40Kbps
AAC-LC: 48Kbps at 16KHz
Smart Codec
Manual(5ea area), WiseStreamⅡ
Bitrate Control
H.264/H.265: CBR or VBR
MJPEG: VBR
Streaming
Unicast(20 users) / Multicast
Multiple streaming(Up to 10 profiles)
Protocol
IPv4, IPv6, TCP/IP, UDP/IP, RTP(UDP), RTP(TCP), RTCP, RTSP, NTP, HTTP, HTTPS, SSL/TLS, DHCP, FTP,
SMTP, ICMP, IGMP, SNMPv1/v2c/v3(MIB-2), ARP, DNS, DDNS, QoS, PIM-SM, UPnP, Bonjour
Security
HTTPS(SSL) Login Authentication
Digest Login Authentication
IP Address Filtering
User access Log
802.1X Authentication(EAP-TLS, EAP-LEAP)
Application Programming Interface
ONVIF Profile S/G/T
SUNAPI(HTTP API)
Wisenet open platform
General
Webpage Language
English, Korean, Chinese, French, Italian, Spanish, German, Japanese, Russian, Swedish,, Portuguese,
Czech, Polish, Turkish, Dutch, Greek, Hungarian
Edge Storage
Micro SD/SDHC/SDXC 2slot 512GB
Memory
1024MB RAM, 512MB Flash
Environmental & Electrical
Operating Temperature / Humidity
-40°C ~ +55°C(-40°F ~ +131°F) / Less than 90% RH
Storage Temperature / Humidity
-50°C ~ +60°C(-58°F ~ +140°F) / Less than 90% RH
Certification
IP66, IP6K9K, NEMA4X, IK10+
Input Voltage
PoE(IEEE802.3af), 12VDC, 24VAC
Power Consumption
PoE: Max 12.95W
12VDC: Max 11.5W
24VAC: Max 14W
Mechanical
Color / Material
Silver / Stainless(SUS316L)
Product Dimensions / Weight
Ø162x120.5mm(Ø6.38x4.74") / 2.8kg(6.17lb)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com