Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP-300PMS Datasheet(PDF) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-300PMS
Description  5MP Stainless IR Dome Camera
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-300PMS Datasheet(HTML) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  SBP-300PMS Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 4Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-300PMS Datasheet HTML 5Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
XNV-8080RSA
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.
2/5
XNV-8080RSA
5MP Stainless IR Dome Camera
Specifications
Video
Imaging Device
1/1.8” CMOS
Resolution
2560x1920, 2560x1440, 1920x1080, 1600x1200, 1280x1024, 1280x960, 1280x720, 1024x768,
800x600, 800x448, 720x576, 720x480, 640x480, 640x360, 320x240
Max. Framerate
H.265/H.264: Max. 30fps/25fps(60Hz/50Hz)
MJPEG: Max. 30fps/25fps(60Hz/50Hz)
Min. Illumination
Color: 0.07Lux(F1.3, 1/30sec)
BW: 0Lux(IR LED on)
Video Out
CVBS: 1.0 Vp-p / 75Ω composite, 720x480(N), 720x576(P) for installation
USB: Micro USB Type B, 1280x720 for installation
Lens
Focal Length (Zoom Ratio)
3.9~9.4mm(2.4x) motorized varifocal
Max. Aperture Ratio
F1.3(Wide) ~ F2.4(Tele)
Angular Field of View
H: 93°(Wide)~38°(Tele)
V: 68°(Wide)~29°(Tele)
D: 120°(Wide)~48°(Tele)
Min. Object Distance
0.5m(1.64ft)
Focus Control
Simple focus
Lens Type
DC Auto Iris, P iris
Pan / Tilt / Rotate
Pan / Tilt / Rotate Range
0~354 / 0~67 / 0~355
Operational
Camera Title
Displayed up to 85 characters
Day & Night
Auto(ICR)
Backlight Compensation
BLC, HLC, WDR
Wide Dynamic Range
120dB
Digital Noise Reduction
SSNRⅤ
Digital Image Stabilization
Support
Defog
Support
Motion Detection
8ea, 8point Polygonal zones
Privacy Masking
32ea, 4point polygonal zones
- Color : Gray, Green, Red, Blue, Black, White
- Mosaic
Gain Control
Low / Middle / High
White Balance
ATW / AWC / Manual / Indoor / Outdoor
LDC
Support
Electronic Shutter Speed
Minimum / Maximum / Anti flicker (2~1/12,000sec)
Video Rotation
Flip, Mirror, Hallway view(90/270)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com