Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTREMECLIENT-AP Datasheet(PDF) 3 Page - Kontron

Part # XTREMECLIENT-AP
Description  15.6” / 18.5” / 21.5” / 23.8” WIDESCREEN 10-POINT PCAP PANEL PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

XTREMECLIENT-AP Datasheet(HTML) 3 Page - Kontron

  XTREMECLIENT-AP Datasheet HTML 1Page - Kontron XTREMECLIENT-AP Datasheet HTML 2Page - Kontron XTREMECLIENT-AP Datasheet HTML 3Page - Kontron XTREMECLIENT-AP Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL INFORMATION
// 3
www.kontron.com
PROCESSOR
MEMORY
GRAPHICS
DISPLAY SIZE
ASPECT RATIO
BACKLIGHT
RESOLUTION
BRIGHTNESS (cd/m², typ.)
CONTRAST RATIO (typ.)
COLOR
VIEWING ANGLE (L/R/H/L, °)
TOUCH
DISPLAY INTERFACE
MULTIPLE DISPLAY
ETHERNET
USB
SERIAL PORT
SATA
mPCIe
M.2
SIM CARD HOLDER
INPUT VOLTAGE
CONNECTOR
BIOS
WATCHDOG
H/W MONITOR
REAL TIME CLOCK
SECURITY
BUTTON & SWITCH
INDICATOR
COOLING METHOD
OS SUPPORT
CONSTRUCTION
DIMENSIONS - W
DIMENSIONS - H
DIMENSIONS - D
WEIGHT
MOUNTING
OPERATION TEMPERATURE
STORAGE TEMPERATURE
HUMIDITY
EMC & SAFETY
INGRESS PROTECTION
Intel® Atom™ x7-E3950
(Quad Core, 2M Cache, 1.60 / 2.00 GHz, FCBGA1296, 12 W TDP)
Intel® Atom™ x5-E3940
(Quad Core, 2M Cache, 1.60 / 1.80 GHz, FCBGA1296, 9.5 W TDP)
Intel® Pentium® N4200
(Quad Core, 2M Cache, 1.10 / 2.50 GHz, FCBGA1296, 6 W TDP)
Intel® Celeron® N3350
(Dual Core, 2M Cache, 1.10 / 2.40 GHz, FCBGA1296, 6 W TDP)
2x DDR3L 1867 SO-DIMM up to 8 GByte
Intel® HD Graphics 505 (Atom™ x7-E3950 / Pentium® N4200)
Intel® HD Graphics 500 (Atom™ x5-E3940 / Celeron® N3350)
15.6 inch
16:9
LED
1366 x 768 WXGA
300
500:1
262K / 16.7M
80 / 80 / 80 / 80
10-point PCAP
1x DP (on rear, 4096 x 2304 @ 60 Hz)
1x HDMI (on rear, 4096 x 2160 @ 24 Hz)
Triple
2x GbE LAN (RJ45 on rear, Intel® I210-AT)
4x USB 3.2 Gen 1 (Type A on rear)
2x RS232/422/485 (DB9 on rear, w/ auto flow control for RS485)
1x 2.5” SATA 3.0 HDD / SSD
1x mPCIe (full size, w/ PCIe / USB 2.0 / UIM)
1x M.2 Key B (type 22x42, w/ USB 2.0 / SATA 3.0 / UIM)
1x SIM Card Holder (optional)
DC 12 V @ 60 W (Optional DC 24 V)
2-pin Terminal Block (on rear)
AMI uEFI BIOS w/ 128 Mb SPI Flash
Programmable WDT to generate system reset event
Voltages, Temperatures
Processor integrated RTC
TPM 2.0 (optional, Infineon SLB 9665)
1x Power Switch (on rear)
1x Power LED (on rear)
1x HDD LED (on rear)
Passive
Windows 10 IoT
Glass Surface + Metal Chassis w/ Ultra-slim Frame + Aluminum Heat Sink
399.2 mm (15.72”)
246.5 mm (9.70”)
62.2 mm (2.45”)
4300 g (9.48 lb)
Panel Mount, VESA Mount (100 mm x 100 mm)
0 °C ~ 50 °C / 32 °F ~ 122 °F
-20 °C ~ 85 °C / -4 °F ~ 185 °F
0 % ~ 95 %
CE Class B, FCC Class B
IP65 (front)
SYSTEM
VIDEO
NETWORK CONNECTION
PERIPHERAL CONNECTION
STORAGE & EXPANSION
POWER
FIRMWARE
SYSTEM CONTROL
COOLING
SOFTWARE
MECHANICAL
ENVIRONMENTAL
COMPLIANCE
18.5 inch
16:9
LED
1366 x 768 WXGA
300
1000:1
16.7M
85 / 85 / 80 / 80
10-point PCAP
465.2 mm (18.31”)
286.3 mm (11.27”)
57.5 mm (2.26”)
5200 g (11.46 lb)
21.5 inch
16:9
LED
1920 x 1080 Full HD
250
5000:1
16.7M
89 / 89 / 89 / 89
10-point PCAP
520.5 mm (20.49”)
315.5 mm (12.42”)
57.7 mm (2.27”)
6200 g (13.67 lb)
23.8 inch
16:9
LED
1920 x 1080 Full HD
400
1000:1
16.7M
89 / 89 / 89 / 89
10-point PCAP
575.0 mm (22.64”)
347.0 mm (13.66”)
58.6 mm (2.31”)
7100 g (15.65 lb)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com