Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTREMECLIENT-AP Datasheet(PDF) 1 Page - Kontron

Part # XTREMECLIENT-AP
Description  15.6” / 18.5” / 21.5” / 23.8” WIDESCREEN 10-POINT PCAP PANEL PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

XTREMECLIENT-AP Datasheet(HTML) 1 Page - Kontron

  XTREMECLIENT-AP Datasheet HTML 1Page - Kontron XTREMECLIENT-AP Datasheet HTML 2Page - Kontron XTREMECLIENT-AP Datasheet HTML 3Page - Kontron XTREMECLIENT-AP Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XtremeClient-APL
ULTRA-SLIM BEZEL, FANLESS, ANTI-SPRAY
1x DP, 1x HDMI for second / third display support
2x GbE LAN for Ethernet
4x USB 3.2 Gen 1, 2x RS232/422/485 for peripheral connection
1x 2.5” SATA 3.0 HDD / SSD for storage
1x mPCIe, 1x M.2 Key B for expansion
15.6” / 18.5” / 21.5” / 23.8” WIDESCREEN 10-POINT PCAP PANEL PC
W/ INTEL® ATOM® E3900 & PENTIUM® / CELERON® N SERIES CPU


Similar Part No. - XTREMECLIENT-AP

ManufacturerPart #DatasheetDescription
logo
Kontron
XTREMECLIENT-KLU KONTRON-XTREMECLIENT-KLU Datasheet
2Mb / 4P
15.6” / 18.5” / 21.5” / 23.8” WIDESCREEN 10-POINT PCAP PANEL PC
XTREMECLIENT-TGL KONTRON-XTREMECLIENT-TGL Datasheet
1Mb / 4P
18.5" / 21.5" Widescreen 10-point PCAP Panel PC
XTREMECLIENT-WLU KONTRON-XTREMECLIENT-WLU Datasheet
2Mb / 4P
15.6" / 18.5" / 21.5" / 23.8" WIDESCREEN 10-POINT PCAP PANEL PC
More results

Similar Description - XTREMECLIENT-AP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DMS-SA16 ADVANTECH-DMS-SA16_15 Datasheet
399Kb / 2P
15.6"/18.5" Open Frame PC
DMS-ST06 ADVANTECH-DMS-ST06_15 Datasheet
430Kb / 2P
15.6"/18.5" Open Frame PC
POC-W152-BT0E ADVANTECH-POC-W152-BT0E Datasheet
536Kb / 2P
15.6 Widescreen Point-of-Care Terminal
POC-W152-WF0E ADVANTECH-POC-W152-WF0E Datasheet
536Kb / 2P
15.6 Widescreen Point-of-Care Terminal
POC-W211IP54 ADVANTECH-POC-W211IP54 Datasheet
1Mb / 2P
21.5 Widescreen Fanless Point-of-Care Terminal with IP54 Enclosure
20Aug-2014
FPM-115W ADVANTECH-FPM-115W Datasheet
348Kb / 2P
15.6 / 21.5
30-Oct-2020
PPC-3150SW ADVANTECH-PPC-3150SW Datasheet
365Kb / 2P
15.6 Fanless Widescreen Panel PC with Intel짰 Pentium짰 N4200 Quad-Core Processor
22-May-2019
PPC-3151W ADVANTECH-PPC-3151W Datasheet
410Kb / 2P
15.6 Fanless Widescreen Panel PC with Intel Core™ i5-7300U Processor
28-Jul-2022
TPC-B200 ADVANTECH-TPC-B200_V01 Datasheet
294Kb / 3P
Interchangeable Display Modules with 12" XGA / 15" XGA / 17" SXGA/ 19" SXGA / 15.6" FHD / 18.5" HD / 21.5" FHD / 23.8" FHD
4-Jan-2023
USC-M15W ADVANTECH-USC-M15W Datasheet
399Kb / 2P
15.6" PCAP Touchscreen Monitor
1-Feb-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com