Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTREMECLIENT-AP Datasheet(PDF) 2 Page - Kontron

Part # XTREMECLIENT-AP
Description  15.6” / 18.5” / 21.5” / 23.8” WIDESCREEN 10-POINT PCAP PANEL PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

XTREMECLIENT-AP Datasheet(HTML) 2 Page - Kontron

  XTREMECLIENT-AP Datasheet HTML 1Page - Kontron XTREMECLIENT-AP Datasheet HTML 2Page - Kontron XTREMECLIENT-AP Datasheet HTML 3Page - Kontron XTREMECLIENT-AP Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
// 2
www.kontron.com
PRODUCT HIGHLIGHTS
15.6” / 18.5“ / 21.5“ / 23.8“ widescreen 10-point PCAP multi-touch LCD display
Intel® Atom® E3900 Series & Pentium® / Celeron® N-Series Processors
2x DDR3L SO-DIMM memory support
1x DP, 1x HDMI for second / third display support
2x GbE LAN for Ethernet
4x USB 3.2 Gen 1 for USB device connection
2x RS232/422/485 for serial device connection
1x 2.5” SATA 3.0 HDD / SSD support
1x mPCIe for WLAN / Bluetooth / WWAN expansion
1x M.2 Key B for SSD / WWAN expansion
Passive cooling design
IP65-rated front design
Fully flat front design
Ultra-slim frame design
Glass hardness of 6H
XtremeClient-APL
WIDESCREEN 10-POINT PCAP PANEL PC W/ INTEL® ATOM® E3900 SERIES & PENTIUM® / CELERON® N-SERIES CPU
Powered by Intel® Atom® E3900 Series & Pentium® / Celeron®
N-Series SoC processors, Kontron XtremeClient-APL Panel PC is a
performance upgrade option for entry-level applications. In
addition to 1x HDMI, 1x DP, 2x GbE LAN, 4x USB 3.2 Gen 1 and 2x
RS232/422/485 for display output, Ethernet and peripheral
applications, it reserves 1x mPCIe and 1x M.2 Key B for wireless,
storage or other possible functional expansion.
The ultra-slim frame design is its another important feature, which
provides an almost zero-frame screen and puts no boundary on
the visual enjoyment. In addition, the widescreen with 16:9 aspect
ratio and 10-point PCAP multi-touch function can provide comfort-
able viewing experience to operators and allow multi-window
display without toggling.
Finally, the IP65-rated flat panel front design with 6H hardness
glassy surface can provide good resistance against water spray,
contamination, scratch or abrasion, making it suitable for harsh
environments. It is therefore ideal for a wide range of industrial
applications.
MECHANICAL DIMENSIONS
unit: mm
GbE
(+)DC-IN(-)
HDMI 2.0
USB 3.2 Gen 1
Power Switch
RS232/422/485
USB 3.2 Gen 1
USB 3.2 Gen 1
RS232/422/485
DP
GbE
USB 3.2 Gen 1
HDD LED
Power LED
21.5” Model
520.5
15.0
50.7
57.7
100.0
15.6” Model
399.2
15.0
55.2
62.2
100.0
18.5” Model
465.2
14.8
50.5
57.5
100.0
575.0
17.3
51.6
58.6
100.0
23.8” Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com