Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTREMECLIENT-AP Datasheet(PDF) 4 Page - Kontron

Part # XTREMECLIENT-AP
Description  15.6” / 18.5” / 21.5” / 23.8” WIDESCREEN 10-POINT PCAP PANEL PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

XTREMECLIENT-AP Datasheet(HTML) 4 Page - Kontron

  XTREMECLIENT-AP Datasheet HTML 1Page - Kontron XTREMECLIENT-AP Datasheet HTML 2Page - Kontron XTREMECLIENT-AP Datasheet HTML 3Page - Kontron XTREMECLIENT-AP Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ACCESSORIES
POWER ADAPTER
POWER CORD
PANEL MOUNTING KIT
VESA MOUNTING KIT*
WIFI + BT MODULE KIT*
( *: Optional )
Input: AC 90 V ~ 264 V, Output: DC 12 V, 60 W, open wire
EU / US / UK / JP / CN / AU type depending on country
Mounting clamp screws (q’ty depending on panel size)
2x bracket (Hole pattern: 100 mm x 100 mm & 75 mm x 75 mm), 4x screw
Wi-Fi 2.4 GHz / 5 GHz, Bluetooth 4.0 Class I, mPCIe interface, 2x antenna
ORDERING INFORMATION
DESCRIPTION
ARTICLE
XtremeClient-APL0-156-P
XtremeClient-APL1-156-P
XtremeClient-APL3-156-P
XtremeClient-APL4-156-P
XtremeClient-APL0-185-P
XtremeClient-APL1-185-P
XtremeClient-APL3-185-P
XtremeClient-APL4-185-P
XtremeClient-APL0-215-P
XtremeClient-APL1-215-P
XtremeClient-APL3-215-P
XtremeClient-APL4-215-P
XtremeClient-APL0-238-P
XtremeClient-APL1-238-P
XtremeClient-APL3-238-P
XtremeClient-APL4-238-P
15.6” 16:9 LCD Display, Intel® Atom™ x7-E3950
15.6” 16:9 LCD Display, Intel® Atom™ x5-E3940
15.6” 16:9 LCD Display, Intel® Pentium® N4200
15.6” 16:9 LCD Display, Intel® Celeron® N3350
18.5” 16:9 LCD Display, Intel® Atom™ x7-E3950
18.5” 16:9 LCD Display, Intel® Atom™ x5-E3940
18.5” 16:9 LCD Display, Intel® Pentium® N4200
18.5” 16:9 LCD Display, Intel® Celeron® N3350
21.5” 16:9 LCD Display, Intel® Atom™ x7-E3950
21.5” 16:9 LCD Display, Intel® Atom™ x5-E3940
21.5” 16:9 LCD Display, Intel® Pentium® N4200
21.5” 16:9 LCD Display, Intel® Celeron® N3350
23.8” 16:9 LCD Display, Intel® Atom™ x7-E3950
23.8” 16:9 LCD Display, Intel® Atom™ x5-E3940
23.8” 16:9 LCD Display, Intel® Pentium® N4200
23.8” 16:9 LCD Display, Intel® Celeron® N3350
// 4
KONTRON ASIA INC.
4F, No. 415, Ti-Ding Blvd., Sec. 2,
Neihu District, Taipei, Taiwan 114741
Tel.: + 886 2 2799 2789
Fax: + 886 2 2799 7399
SalesAsia@kontron.com
www.kontron.com
PRODUCT CONTACT POINT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com