Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 156 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 156 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 152Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 153Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 154Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 155Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 156Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 157Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 158Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 159Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 160Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 294 page
background image
Page 140
12. Asynchronous Serial interface (UART1 )
12.2 Control
TMP86FS49BUG
12.2 Control
UART1 is controlled by the UART1 Control Registers (UART1CR1, UART1CR2). The operating status can be
monitored using the UART status register (UART1SR).
Note 1: When operations are disabled by setting TXE and RXE bit to “0”, the setting becomes valid when data transmit or receive
complete. When the transmit data is stored in the transmit data buffer, the data are not transmitted. Even if data transmit is
enabled, until new data are written to the transmit data buffer, the current data are not transmitted.
Note 2: The transmit clock and the parity are common to transmit and receive.
Note 3: UART1CR1<RXE> and UART1CR1<TXE> should be set to “0” before UART1CR1<BRG> is changed.
Note: When UART1CR2<RXDNC> = “01”, pulses longer than 96/fc [s] are always regarded as signals; when
UART1CR2<RXDNC> = “10”, longer than 192/fc [s]; and when UART1CR2<RXDNC> = “11”, longer than 384/fc [s].
UART1 Control Register1
UART1CR1
(0F95H)
76
543
210
TXE
RXE
STBT
EVEN
PE
BRG
(Initial value: 0000 0000)
TXE
Transfer operation
0:
1:
Disable
Enable
Write
only
RXE
Receive operation
0:
1:
Disable
Enable
STBT
Transmit stop bit length
0:
1:
1 bit
2 bits
EVEN
Even-numbered parity
0:
1:
Odd-numbered parity
Even-numbered parity
PE
Parity addition
0:
1:
No parity
Parity
BRG
Transmit clock select
000:
001:
010:
011:
100:
101:
110:
111:
fc/13 [Hz]
fc/26
fc/52
fc/104
fc/208
fc/416
TC3 ( Input INTTC3)
fc/96
UART1 Control Register2
UART1CR2
(0F96H)
765
432
1
0
RXDNC
STOPBR
(Initial value: **** *000)
RXDNC
Selection of RXD input noise
rejection time
00:
01:
10:
11:
No noise rejection (Hysteresis input)
Rejects pulses shorter than 31/fc [s] as noise
Rejects pulses shorter than 63/fc [s] as noise
Rejects pulses shorter than 127/fc [s] as noise
Write
only
STOPBR
Receive stop bit length
0:
1:
1 bit
2 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com