Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 157 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 157 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 153Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 154Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 155Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 156Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 157Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 158Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 159Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 160Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 161Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 294 page
background image
Page 141
TMP86FS49BUG
Note: When an INTTXD is generated, TBEP flag is set to "1" automatically.
UART1 Status Register
UART1SR
(0F95H)
76
543
210
PERR
FERR
OERR
RBFL
TEND
TBEP
(Initial value: 0000 11**)
PERR
Parity error flag
0:
1:
No parity error
Parity error
Read
only
FERR
Framing error flag
0:
1:
No framing error
Framing error
OERR
Overrun error flag
0:
1:
No overrun error
Overrun error
RBFL
Receive data buffer full flag
0:
1:
Receive data buffer empty
Receive data buffer full
TEND
Transmit end flag
0:
1:
On transmitting
Transmit end
TBEP
Transmit data buffer empty flag
0:
1:
Transmit data buffer full (Transmit data writing is finished)
Transmit data buffer empty
UART1 Receive Data Buffer
RD1BUF
(0F97H)
76
543
210
Read only
(Initial value: 0000 0000)
UART1 Transmit Data Buffer
TD1BUF
(0F97H)
76543210
Write only
(Initial value: 0000 0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com