Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 233 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 233 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 229Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 230Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 231Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 232Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 233Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 234Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 235Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 236Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 237Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 294 page
background image
Page 217
TMP86FS49BUG
17.4 STOP/SLOW Modes during AD Conversion
When standby mode (STOP or SLOW mode) is entered forcibly during AD conversion, the AD convert operation
is suspended and the AD converter is initialized (ADCCR1 and ADCCR2 are initialized to initial value). Also, the
conversion result is indeterminate. (Conversion results up to the previous operation are cleared, so be sure to read
the conversion results before entering standby mode (STOP or SLOW mode).) When restored from standby mode
(STOP or SLOW mode), AD conversion is not automatically restarted, so it is necessary to restart AD conversion.
Note that since the analog reference voltage is automatically disconnected, there is no possibility of current flowing
into the analog reference voltage.
Example :After selecting the conversion time 19.5
µs at 16 MHz and the analog input channel AIN3 pin, perform AD con-
version once. After checking EOCF, read the converted value, store the lower 2 bits in address 0009EH nd store
the upper 8 bits in address 0009FH in RAM. The operation mode is software start mode.
: (port setting)
:
;Set port register approrriately before setting AD
converter registers.
:
:
(Refer to section I/O port in details)
LD
(ADCCR1) , 00100011B
; Select AIN3
LD
(ADCCR2) , 11011000B
;Select conversion time(312/fc) and operation
mode
SET
(ADCCR1) . 7
; ADRS = 1(AD conversion start)
SLOOP :
TEST
(ADCDR2) . 5
; EOCF= 1 ?
JRS
T, SLOOP
LD
A , (ADCDR2)
; Read result data
LD
(9EH) , A
LD
A , (ADCDR1)
; Read result data
LD
(9FH), A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com