Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 237 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 237 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 233Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 234Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 235Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 236Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 237Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 238Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 239Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 240Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 241Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 294 page
background image
Page 221
TMP86FS49BUG
18. Key-on Wakeup (KWU)
In the TMP86FS49BUG, the STOP mode is released by not only P20(INT5/STOP) pin but also four (STOP0 to
STOP3) pins.
When the STOP mode is released by STOP0 to STOP3 pins, the STOP pin needs to be used.
In details, refer to the following section " 18.2 Control ".
18.1 Configuration
Figure 18-1 Key-on Wakeup Circuit
18.2 Control
STOP0 to STOP3 pins can controlled by Key-on Wakeup Control Register (STOPCR). It can be configured as
enable/disable in 1-bit unit. When those pins are used for STOP mode release, configure corresponding I/O pins to
input mode by I/O port register beforehand.
18.3 Function
Stop mode can be entered by setting up the System Control Register (SYSCR1), and can be exited by detecting the
"L" level on STOP0 to STOP3 pins, which are enabled by STOPCR, for releasing STOP mode (Note1).
Key-on Wakeup Control Register
STOPCR
76
54
3
2
1
0
(0F9FH)
STOP3
STOP2
STOP1
STOP0
(Initial value: 0000 ****)
STOP3
STOP mode released by STOP3
0:Disable
1:Enable
Write
only
STOP2
STOP mode released by STOP2
0:Disable
1:Enable
Write
only
STOP1
STOP mode released by STOP1
0:Disable
1:Enable
Write
only
STOP0
STOP mode released by STOP0
0:Disable
1:Enable
Write
only
STOPCR
INT5
STOP
STOP mode
release signal
(1: Release)
(0F9FH)
STOP0
STOP1
STOP2
STOP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com