Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 250 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 250 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 246Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 247Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 248Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 249Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 250Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 251Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 252Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 253Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 254Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 294 page
background image
Page 234
20. Serial PROM Mode
20.3 Serial PROM Mode Setting
TMP86FS49BUG
20.3 Serial PROM Mode Setting
20.3.1 Serial PROM Mode Control Pins
To execute on-board programming, activate the serial PROM mode. Table 20-2 shows pin setting to activate
the serial PROM mode.
Note: The BOOT pin is shared with the UART communication pin (RXD1 pin) in the serial PROM mode. This pin is used as UART
communication pin after activating serial PROM mode
20.3.2 Pin Function
In the serial PROM mode, TXD1 (P02) and RXD1 (P01) are used as a serial interface pin.
Note 1: During on-board programming with other parts mounted on a user board, be careful no to affect these communication
control pins.
Note 2: Operating range of high frequency in serial PROM mode is 2 MHz to 16 MHz.
Table 20-2 Serial PROM Mode Setting
Pin
Setting
TEST pin
High
BOOT/RXD1 pin
High
RESET
pin
Table 20-3 Pin Function in the Serial PROM Mode
Pin Name
(Serial PROM Mode)
Input/
Output
Function
Pin Name
(MCU Mode)
TXD1
Output
Serial data output
(Note 1)
P02
BOOT/RXD1
Input/Input
Serial PROM mode control/Serial data input
P01
RESET
Input
Serial PROM mode control
RESET
TEST
Input
Fixed to high
TEST
VDD, AVDD
Power
supply
4.5 to 5.5 V
VSS
Power
supply
0 V
VAREF
Power
supply
Leave open or apply input reference voltage.
I/O ports except
P02, P01
I/O
These ports are in the high-impedance state in the serial PROM mode.
XIN
Input
Self-oscillate with an oscillator.
(Note 2)
XOUT
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com