Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 253 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 253 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 249Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 250Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 251Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 252Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 253Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 254Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 255Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 256Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 257Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 294 page
background image
Page 237
TMP86FS49BUG
20.4 Interface Specifications for UART
The following shows the UART communication format used in the serial PROM mode.
To perform on-board programming, the communication format of the write controller must also be set in the same
manner.
The default baud rate is 9600 bps regardless of operating frequency of the microcontroller. The baud rate can be
modified by transmitting the baud rate modification data shown in Table 1-4 to TMP86FS49BUG. The Table 20-5
shows an operating frequency and baud rate. The frequencies which are not described in Table 20-5 can not be used.
- Baud rate (Default): 9600 bps
- Data length: 8 bits
- Parity addition: None
- Stop bit: 1 bit
Table 20-4 Baud Rate Modification Data
Baud rate modification data
04H
05H
06H
07H
0AH
18H
28H
Baud rate (bps)
76800
62500
57600
38400
31250
19200
9600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com