Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CM29BUG Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 29Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 30Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 31Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 32Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 33Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 34Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 35Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 36Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 196 page
background image
Page 19
TMP86CM29BUG
Figure 2-7 Level-sensitive Release Mode
Note 1: Even if the STOP pin input is low after warm-up start, the STOP mode is not restarted.
Note 2: In this case of changing to the level-sensitive mode from the edge-sensitive mode, the release
mode is not switched until a rising edge of the STOP pin input is detected.
(2) Edge-sensitive release mode (RELM = “0”)
In this mode, STOP mode is released by a rising edge of the STOP pin input. This is used in appli-
cations where a relatively short program is executed repeatedly at periodic intervals. This periodic
signal (for example, a clock from a low-power consumption oscillator) is input to the STOP pin. In
the edge-sensitive release mode, STOP mode is started even when the STOP pin input is high level.
Do not use any STOP5 to STOP2 pin input for releasing STOP mode in edge-sensitive release mode.
Figure 2-8 Edge-sensitive Release Mode
Example 2 :Starting STOP mode from NORMAL mode with an INT5 interrupt.
PINT5:
TEST
(P2PRD). 0
; To reject noise, STOP mode does not start if
JRS
F, SINT5
port P20 is at high
LD
(SYSCR1), 01010000B
; Sets up the level-sensitive release mode.
DI
; IMF
← 0
SET
(SYSCR1). 7
; Starts STOP mode
SINT5:
RETI
Example :Starting STOP mode from NORMAL mode
DI
; IMF
← 0
LD
(SYSCR1), 10010000B
; Starts after specified to the edge-sensitive release mode
VIH
NORMAL
operation
Warm up
STOP
operation
Confirm by program that the
STOP pin input is low and start
STOP mode.
Always released if the STOP
pin input is high.
STOP pin
XOUT pin
STOP mode is released by the hardware.
NORMAL
operation
NORMAL
operation
NORMAL
operation
VIH
STOP mode is released by the hardware at the rising
edge of STOP pin input.
Warm up
STOP mode started
by the program.
STOP
operation
STOP
operation
STOP pin
XOUT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com