Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CM29BUG Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 70Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 72Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 73Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 74Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 196 page
background image
Page 57
TMP86CM29BUG
Note 1: When used as an INT0, ECNT and ECIN pins of a secondary function, the respective bit of P6CR should be set to “0”and
the P6 should set to “1”.
Note 2: When used as an STOP2 to STOP5 pins of Key on Wake up, the respective bit of P6CR should be set to “0”.
Note 3: When a read instruction for port P6 is executed, the bit of Analog input mode becomes read data “0”.
Note: Although P6DR is a read/writer register, because it is also used as an input mode control function, read-modify-
write instructions such as bit manipulate instructions cannot be used.
Read-modify-write instruction writes the all data of 8-bit after data is read and modified. Because a bit setting Input
mode read data of terminal, the output latch is changed by these instruction. So P6 port can not input data.
Port P6 control register
P6DR
(0006H)
R/W
76
543
21
0
P67
AIN7
STOP5
P66
AIN6
STOP4
P65
AIN5
STOP3
P64
AIN4
STOP2
P63
AIN3
INT0
P62
AIN2
ECNT
P61
AIN1
ECIN
P60
AIN0
(Initial value: 0000 0000)
P6CR
(000CH)
76
543
21
0
(Initial value: 0000 0000)
P6CR
I/O control for port P6
(specified for each bit)
AINDS = 1 (AD unused)
AINDS = 0 (AD used)
R/W
P6DR = “0”
P6DR = “1”
P6DR = “0”
P6DR = “1”
0
Input “0” fixed
Input mode
AD input#1
Input mode
1
Output mode
#1
Do not set output mode to pin which is used for an analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com