Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CM29BUG Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 70Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 72Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 196 page
background image
Page 55
TMP86CM29BUG
5.4 Port P5 (P57 to P50)
Port P5 is an 8-bit input/output port which is also used as a segment pins of LCD.
When used as input port, the respective output latch (P5DR) should be set to “1”.
During reset, the P5DR is initialized to “1”.
When used as a segment pins of LCD, the respective bit of P5LCR should be set to “1”. When used as an output
port, the respective P5LCR bit should be set to “0”.
P5 port output latch (P5DR) and P5 port terminal input (P5PRD) are located on their respective address.
When read the output latch data, the P5DR should be read and when read the terminal input data, the P5PRD reg-
ister should be read. If the terminal input data which is configured as LCD segment output is read, unstable data is
read.
Figure 5-5 Port P5
Port P5 control register
P5DR
(0005H)
R/W
76
543
21
0
P57
SEG16
P56
SEG17
P55
SEG18
P54
SEG19
P53
SEG20
P52
SEG21
P51
SEG22
P50
SEG23
(Initial value: 1111 1111)
P5LCR
(002AH)
76
543
21
0
(Initial value: 0000 0000)
P5LCR
Port P5/segment output control
(Set for each bit individually)
0: P5 input/output port
1: LCD segment output
R/W
P5PRD
(000BH)
Read only
76
543
21
0
P57
P56
P55
P54
P53
P52
P51
P50
Output latch
Data input (P5PRD)
Data input (P5DR)
Data output (P5DR)
LCD data output
STOP
OUTEN
P5LCRi
P5LCRi input
P5i
Note: i = 7
to 0
DQ
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com