Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CM29BUG Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 25Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 26Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 27Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 28Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 29Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 30Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 31Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 32Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 196 page
background image
Page 15
TMP86CM29BUG
Switching back and forth between SLOW1 and SLOW2 modes are performed by
SYSCR2<XEN>. In SLOW1 and SLEEP modes, the input clock to the 1st stage of the divider is
stopped; output from the 1st to 6th stages is also stopped.
(4) IDLE2 mode
In this mode, the internal oscillation circuit remain active. The CPU and the watchdog timer are
halted; however, on-chip peripherals remain active (Operate using the high-frequency clock and/or
the low-frequency clock). Starting and releasing of IDLE2 mode are the same as for IDLE1 mode,
except that operation returns to NORMAL2 mode.
(5) SLEEP1 mode
In this mode, the internal oscillation circuit of the low-frequency clock remains active. The CPU,
the watchdog timer, and the internal oscillation circuit of the high-frequency clock are halted; how-
ever, on-chip peripherals remain active (Operate using the low-frequency clock). Starting and releas-
ing of SLEEP mode are the same as for IDLE1 mode, except that operation returns to SLOW1 mode.
In SLOW1 and SLEEP1 modes, the input clock to the 1st stage of the divider is stopped; output from
the 1st to 6th stages is also stopped.
(6) SLEEP2 mode
The SLEEP2 mode is the idle mode corresponding to the SLOW2 mode. The status under the
SLEEP2 mode is same as that under the SLEEP1 mode, except for the oscillation circuit of the high-
frequency clock.
(7) SLEEP0 mode
In this mode, all the circuit, except oscillator and the timer-base-timer, stops operation. This mode
is enabled by setting “1” on bit SYSCR2<TGHALT>.
When SLEEP0 mode starts, the CPU stops and the timing generator stops feeding the clock to the
peripheral circuits other than TBT. Then, upon detecting the falling edge of the source clock selected
with TBTCR<TBTCK>, the timing generator starts feeding the clock to all peripheral circuits.
When returned from SLEEP0 mode, the CPU restarts operating, entering SLOW1 mode back
again. SLEEP0 mode is entered and returned regardless of how TBTCR<TBTEN> is set. When IMF
= “1”, EF6 (TBT interrupt individual enable flag) = “1”, and TBTCR<TBTEN> = “1”, interrupt pro-
cessing is performed. When SLEEP0 mode is entered while TBTCR<TBTEN> = “1”, the INTTBT
interrupt latch is set after returning to SLOW1 mode.
2.2.3.3 STOP mode
In this mode, the internal oscillation circuit is turned off, causing all system operations to be halted. The
internal status immediately prior to the halt is held with a lowest power consumption during STOP mode.
STOP mode is started by the system control register 1 (SYSCR1), and STOP mode is released by a
inputting (Either level-sensitive or edge-sensitive can be programmably selected) to the STOP pin. After
the warm-up period is completed, the execution resumes with the instruction which follows the STOP
mode start instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com