Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS25AFG Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 59Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 60Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 61Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 62Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 63Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 194 page
background image
Page 53
TMP86CS25AFG
5. I/O Ports
The TMP86CS25AFG have 6 parallel input/output ports (42 pins) as follows.
Each output port contains a latch, which holds the output data. All input ports do not have latches, so the external
input data should be externally held until the input data is read from outside or reading should be performed several
timer before processing. Figure 5-1 shows input/output timing examples.
External data is read from an I/O port in the S1 state of the read cycle during execution of the read instruction. This
timing cannot be recognized from outside, so that transient input such as chattering must be processed by the pro-
gram.
Output data changes in the S2 state of the write cycle during execution of the instruction which writes to an I/O
port.
Note: The positions of the read and write cycles may vary, depending on the instruction.
Figure 5-1 Input/Output Timing (Example)
Primary Function
Secondary Functions
Port P1
8-bit I/O port
External interrupt input, serial interface input/output, UART input/output
and segment output.
Port P2
3-bit I/O port
Low-frequency resonator connections, external interrupt input, STOP
mode release signal input.
Port P3
7-bit I/O port
Timer/Counter input/output and divider output and segment/common
output.
Port P5
8-bit I/O port
Segment output.
Port P6
8-bit I/O port
Analog input, external interrupt input, timer/counter input and STOP
mode release signal input.
Port P7
8-bit I/O port
Common output. Timer/Counter input/output and divider output.
Instruction execution cycle
Input strobe
Data input
Ex: LD A, (x)
Fetch cycle
Fetch cycle
Read cycle
S0 S1 S2 S3 S0 S1 S2 S3 S0 S1 S2 S3
Instruction execution cycle
Output strobe
Old
New
Data output
Ex: LD (x), A
Fetch cycle
Fetch cycle
Write cycle
S0 S1 S2 S3 S0 S1 S2 S3 S0 S1 S2 S3
(a) Input timing
(b) Output timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com