Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS25AFG Datasheet(PDF) 82 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 82 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 78Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 79Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 80Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 81Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 82Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 83Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 84Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 85Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 194 page
background image
Page 72
7. Time Base Timer (TBT)
7.2 Divider Output (DVO)
TMP86CS25AFG
Example :1.95 kHz pulse output (fc = 16.0 MHz)
LD
(TBTCR) , 00000000B
; DVOCK
← "00"
LD
(TBTCR) , 10000000B
; DVOEN
← "1"
Table 7-2 Divider Output Frequency ( Example : fc = 16.0 MHz, fs = 32.768 kHz )
DVOCK
Divider Output Frequency [Hz]
NORMAL1/2, IDLE1/2 Mode
SLOW1/2, SLEEP1/2
Mode
DV7CK = 0
DV7CK = 1
00
1.953 k
1.024 k
1.024 k
01
3.906 k
2.048 k
2.048 k
10
7.813 k
4.096 k
4.096 k
11
15.625 k
8.192 k
8.192 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com