Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS25AFG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 4Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 5Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 6Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 7Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 8Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 9Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 10Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 11Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 194 page
background image
iv
11.9.2 Framing Error...................................................................................................................................... 129
11.9.3 Overrun Error...................................................................................................................................... 129
11.9.4 Receive Data Buffer Full..................................................................................................................... 130
11.9.5 Transmit Data Buffer Empty ............................................................................................................... 130
11.9.6 Transmit End Flag .............................................................................................................................. 131
12. Synchronous Serial Interface (SIO0)
12.1 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133
12.2 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 134
12.3 Serial clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 135
12.3.1 Clock source ....................................................................................................................................... 135
12.3.1.1 Internal clock
12.3.1.2 External clock
12.3.2 Shift edge............................................................................................................................................ 137
12.3.2.1 Leading edge
12.3.2.2 Trailing edge
12.4 Number of bits to transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
12.5 Number of words to transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
12.6 Transfer Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 138
12.6.1 4-bit and 8-bit transfer modes............................................................................................................. 138
12.6.2 4-bit and 8-bit receive modes ............................................................................................................. 140
12.6.3 8-bit transfer / receive mode ............................................................................................................... 141
13. Synchronous Serial Interface (SIO1)
13.1 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
13.2 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 144
13.3 Serial clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145
13.3.1 Clock source ....................................................................................................................................... 145
13.3.1.1 Internal clock
13.3.1.2 External clock
13.3.2 Shift edge............................................................................................................................................ 147
13.3.2.1 Leading edge
13.3.2.2 Trailing edge
13.4 Number of bits to transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
13.5 Number of words to transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
13.6 Transfer Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148
13.6.1 4-bit and 8-bit transfer modes............................................................................................................. 148
13.6.2 4-bit and 8-bit receive modes ............................................................................................................. 150
13.6.3 8-bit transfer / receive mode ............................................................................................................... 151
14. 8-Bit AD Converter (ADC)
14.1 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
14.2 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 154
14.3 Function. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 156
14.3.1 AD Conveter Operation ...................................................................................................................... 156
14.3.2 AD Converter Operation ..................................................................................................................... 156
14.3.3 STOP and SLOW Mode during AD Conversion ................................................................................. 157
14.3.4 Analog Input Voltage and AD Conversion Result ............................................................................... 158
14.4 Precautions about AD Converter. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 159
14.4.1 Analog input pin voltage range ........................................................................................................... 159
14.4.2 Analog input shared pins .................................................................................................................... 159
14.4.3 Noise countermeasure........................................................................................................................ 159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com