Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS25AFG Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 12Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 13Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 14Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 15Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 16Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 17Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 18Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 19Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 194 page
background image
Page 6
1.4 Pin Names and Functions
TMP86CS25AFG
P31
SEG49
MUL1
29
IO
O
I
PORT31
LCD segment output 49
Multi Function 1 pin
P30
SEG48
MUL0
30
IO
O
I
PORT30
LCD segment output 48
Multi Function 0 pin
P57
SEG47
31
IO
O
PORT57
LCD segment output 47
P56
SEG46
32
IO
O
PORT56
LCD segment output 46
P55
SEG45
33
IO
O
PORT55
LCD segment output 45
P54
SEG44
34
IO
O
PORT54
LCD segment output 44
P53
SEG43
35
IO
O
PORT53
LCD segment output 43
P52
SEG42
36
IO
O
PORT52
LCD segment output 42
P51
SEG41
37
IO
O
PORT51
LCD segment output 41
P50
SEG40
38
IO
O
PORT50
LCD segment output 40
P67
AIN7
STOP5
17
IO
I
I
PORT67
AD converter analog input 7
STOP5 input
P66
AIN6
STOP4
16
IO
I
I
PORT66
AD converter analog input 6
STOP4 input
P65
AIN5
STOP3
15
IO
I
I
PORT65
AD converter analog input 5
STOP3 input
P64
AIN4
STOP2
14
IO
I
I
PORT64
AD converter analog input 4
STOP2 input
P63
AIN3
INT0
13
IO
I
I
PORT63
AD converter analog input 3
External interrupt 0 input
P62
AIN2
ECNT
12
IO
I
I
PORT62
AD converter analog input 2
ECNT input
P61
AIN1
ECIN
11
IO
I
I
PORT61
AD converter analog input 1
ECIN input
P60
AIN0
10
IO
I
PORT60
AD converter analog input 0
P77
SCK1
COM15
94
IO
IO
O
PORT77
Serial Clock I/O 1
LCD common output 15
Table 1-1 Pin Names and Functions(2/4)
Pin Name
Pin Number
Input/Output
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com