Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS25AFG Datasheet(PDF) 103 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 103 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 99Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 100Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 101Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 102Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 103Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 104Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 105Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 106Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 107Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 194 page
background image
Page 93
TMP86CS25AFG
9.3.4 8-Bit Pulse Width Modulation (PWM) Output Mode (TC3, 4)
This mode is used to generate a pulse-width modulated (PWM) signals with up to 8 bits of resolution. The
up-counter counts up using the internal clock.
When a match between the up-counter and the PWREGj value is detected, the logic level output from the
timer F/Fj is switched to the opposite state. The counter continues counting. The logic level output from the
timer F/Fj is switched to the opposite state again by the up-counter overflow, and the counter is cleared. The
INTTCj interrupt request is generated at this time.
Since the initial value can be set to the timer F/Fj by TCjCR<TFFj>, positive and negative pulses can be gen-
erated. Upon reset, the timer F/Fj is cleared to 0.
(The logic level output from the PWMj pin is the opposite to the timer F/Fj logic level.)
Since PWREGj in the PWM mode is serially connected to the shift register, the value set to PWREGj can be
changed while the timer is running. The value set to PWREGj during a run of the timer is shifted by the
INTTCj interrupt request and loaded into PWREGj. While the timer is stopped, the value is shifted immedi-
ately after the programming of PWREGj. If executing the read instruction to PWREGj during PWM output,
the value in the shift register is read, but not the value set in PWREGj. Therefore, after writing to PWREGj, the
reading data of PWREGj is previous value until INTTCj is generated.
For the pin used for PWM output, the output latch of the I/O port must be set to 1.
Note 1: In the PWM mode, program the timer register PWREGj immediately after the INTTCj interrupt request is
generated (normally in the INTTCj interrupt service routine.) If the programming of PWREGj and the inter-
rupt request occur at the same time, an unstable value is shifted, that may result in generation of the pulse
different from the programmed value until the next INTTCj interrupt request is generated.
Note 2: When the timer is stopped during PWM output, the PWMj pin holds the output status when the timer is
stopped. To change the output status, program TCjCR<TFFj> after the timer is stopped. Do not change the
TCjCR<TFFj> upon stopping of the timer.
Example: Fixing the PWMj pin to the high level when the TimerCounter is stopped
CLR (TCjCR).3: Stops the timer.
CLR (TCjCR).7: Sets the PWMj pin to the high level.
Note 3: To enter the STOP mode during PWM output, stop the timer and then enter the STOP mode. If the STOP
mode is entered without stopping the timer when fc, fc/2 or fs is selected as the source clock, a pulse is out-
put from the PWMj pin during the warm-up period time after exiting the STOP mode.
Note 4: j = 3, 4
Table 9-5 PWM Output Mode
Source Clock
Resolution
Repeated Cycle
NORMAL1/2, IDLE1/2 mode
SLOW1/2,
SLEEP1/2
mode
fc = 16 MHz
fs = 32.768 kHz
fc = 16 MHz
fs = 32.768 kHz
DV7CK = 0
DV7CK = 1
fc/211 [Hz]
fs/23 [Hz]
fs/23 [Hz]
128
µs244.14 µs
32.8 ms
62.5 ms
fc/27
fc/27
–8
µs–
2.05 ms
–
fc/25
fc/25
–2
µs
–
512
µs–
fc/23
fc/23
–
500 ns
–
128
µs–
fs
fs
fs
30.5
µs30.5 µs
7.81 ms
7.81 ms
fc/2
fc/2
–
125 ns
–
32
µs–
fc
fc
–
62.5 ns
–
16
µs–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com