Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 65 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 65 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 61Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 62Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 63Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 64Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 65Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 66Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 69Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 296 page
background image
Page 49
TMP86FS49AIUG
5. I/O Ports
The TMP86FS49AIUG has 8 parallel input/output ports (56 pins) as follows.
Each output port contains a latch, which holds the output data. All input ports do not have latches, so the external
input data should be externally held until the input data is read from outside or reading should be performed several
timer before processing. Figure 5-1 shows input/output timing examples.
External data is read from an I/O port in the S1 state of the read cycle during execution of the read instruction. This
timing cannot be recognized from outside, so that transient input such as chattering must be processed by the pro-
gram.
Output data changes in the S2 state of the write cycle during execution of the instruction which writes to an I/O
port.
Note: The positions of the read and write cycles may vary, depending on the instruction.
Figure 5-1 Input/Output Timing (Example)
Primary Function
Secondary Functions
Port P0
8-bit I/O port
External interrupt, Serial PROM mode cotrol input, serial interface input/output,
UART input/output.
Port P1
8-bit I/O port
External interrupt, timer counter input/output, divider output.
Port P2
3-bit I/O port
Low-frequency resonator connections, external interrupt input, STOP mode
release signal input.
Port P3
8-bit I/O port
Port P4
8-bit I/O port
Serial interface input/output and UART input/output.
Port P5
5-bit I/O port
Serial bus interface input/output.
Port P6
8-bit I/O port
Analog input and key-on wakeup input.
Port P7
8-bit I/O port
Analog input.
Data output
Data input
New
Old
Example: LD
A, (x)
Fetch cycle
Read cycle
Fetch cycle
S0
S1
S2
S3
S0
S1
S2
S3
S0
S1
S2
S3
Instruction execution cycle
Input strobe
(a) Input timing
Example: LD
(x), A
Fetch cycle
Write cycle
Fetch cycle
S0
S1
S2
S3
S0
S1
S2
S3
S0
S1
S2
S3
(b) Output timing
Instruction execution cycle
Output strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com