Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 75Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 76Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 77Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 78Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 79Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 80Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 81Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 82Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 296 page
background image
Page 63
TMP86FS49AIUG
Note 1: i = 7 to 0
Note 2: STOP is bit7 in SYSCR1.
Note 3: SAIN is AD input select signal.
Figure 5-9 Port 7, P7CR1 and P7CR2
Note 1: The port placed in input mode reads the pin input state. Therefore, when the input and output modes are used together,
the output latch contents for the port in input mode might be changed by executing a bit manipulation instruction.
Note 2: When used as an analog inport, be sure to clear the corresponding bit of P7CR2 to disable the port input.
Note 3: Do not set the output mode (P7CR1 = “1”) for the pin used as an analog input pin.
Note 4: Pins not used for analog input can be used as I/O ports. During AD conversion, output instructions should not be executed
to keep a precision. In addition, a variable signal should not be input to a port adjacent to the analog input during AD con-
version.
P7DR
(0007H)
R/W
76
543
21
0
P77
AIN15
P76
AIN14
P75
AIN13
P74
AIN12
P73
AIN11
P72
AIN10
P71
AIN9
P70
AIN8
(Initial value: 0000 0000)
P7CR1
(0F9DH)
76
543
21
0
(Initial value: 0000 0000)
P7CR1
I/O control for port P7 (Specified for each bit)
0: Input mode
1: Output mode
R/W
P7CR2
(0F9EH)
76
543
21
0
(Initial value: 1111 1111)
P7CR2
P7 port input control (Specified for each bit)
0: Analog input
1: Port input, external interrupt input or key-on wakeup
input
R/W
P7i
DQ
DQ
P7CR2i
P7CR2i input
P7CR1i
P7CR1i input
Data input (P7DRi)
Data output (P7DRi)
STOP
OUTTEN
Analog input
AINDS
SAIN
DQ
Control input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com