Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 74Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 296 page
background image
Page 55
TMP86FS49AIUG
5.4
Port P3 (P37 to P30) (Large Current Port)
Port P3 is an 8-bit input/output port.
When used as an input port, the corresponding output latch (P3DR) should be set to "1".
During reset, the P3DR is initialized to "1".
P3 port output latch (P3DR) and P3 port terminal input (P3PRD) are located on their respective address.
When read the output latch data, the P3DR should be read. When read the terminal input data, the P3PRD register
should be read.
Note: i = 7 to 0
Figure 5-5 Port 3
P3DR
(0003H)
76
543
21
0
P37
P36
P35
P34
P33
P32
P31
P30
(Initial value: 1111 1111)
R/W
P3PRD
(000DH)
Read only
P37
P36
P35
P34
P33
P32
P31
P30
Data output (P3DR)
STOP
OUTEN
DQ
P3i
Data input (P3PRD)
Output latch read (P3DR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com