Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 94 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 94 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 90Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 91Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 92Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 93Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 94Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 95Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 96Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 97Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 296 page
background image
Page 78
8. 16-Bit TimerCounter 1 (TC1)
8.2 TimerCounter Control
TMP86FS49AIUG
8.2
TimerCounter Control
The TimerCounter 1 is controlled by the TimerCounter 1 control register (TC1CR) and two 16-bit timer registers
(TC1DRA and TC1DRB).
Note 1: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz]
Note 2: The timer register consists of two shift registers. A value set in the timer register becomes valid at the rising edge of the
first source clock pulse that occurs after the upper byte (TC1DRAH and TC1DRBH) is written. Therefore, write the lower
byte and the upper byte in this order (it is recommended to write the register with a 16-bit access instruction). Writing only
the lower byte (TC1DRAL and TC1DRBL) does not enable the setting of the timer register.
Note 3: To set the mode, source clock, PPG output control and timer F/F control, write to TC1CR1 during TC1S=00. Set the timer
F/F1 control until the first timer start after setting the PPG mode.
Timer Register
15
14
13
12
11
10
98765
43210
TC1DRA
(0011H, 0010H)
TC1DRAH (0011H)
TC1DRAL (0010H)
(Initial value: 1111 1111 1111 1111)
Read/Write
TC1DRB
(0013H, 0012H)
TC1DRBH (0013H)
TC1DRBL (0012H)
(Initial value: 1111 1111 1111 1111)
Read/Write (Write enabled only in the PPG output mode)
TimerCounter 1 Control Register
TC1CR
(0026H)
76
543
21
0
TFF1
ACAP1
MCAP1
METT1
MPPG1
TC1S
TC1CK
TC1M
Read/Write
(Initial value: 0000 0000)
TFF1
Timer F/F1 control
0: Clear
1: Set
R/W
ACAP1
Auto capture control
0:Auto-capture disable
1:Auto-capture enable
R/W
MCAP1
Pulse width measure-
ment mode control
0:Double edge capture
1:Single edge capture
METT1
External trigger timer
mode control
0:Trigger start
1:Trigger start and stop
MPPG1
PPG output control
0:Continuous pulse generation
1:One-shot
TC1S
TC1 start control
Timer
Extrig-
ger
Event
Win-
dow
Pulse
PPG
R/W
00: Stop and counter clear
OOOOOO
01: Command start
O
––––
O
10: Rising edge start
(Ex-trigger/Pulse/PPG)
Rising edge count (Event)
Positive logic count (Window)
–
OOOOO
11: Falling edge start
(Ex-trigger/Pulse/PPG)
Falling edge count (Event)
Negative logic count (Window)
–
OOOOO
TC1CK
TC1 source clock select
[Hz]
NORMAL1/2, IDLE1/2 mode
Divider
SLOW,
SLEEP
mode
R/W
DV7CK = 0
DV7CK = 1
00
fc/211
fs/23
DV9
fs/23
01
fc/27
fc/27
DV5
–
10
fc/23
fc/23
DV1
–
11
External clock (TC1 pin input)
TC1M
TC1 operating mode
select
00: Timer/external trigger timer/event counter mode
01: Window mode
10: Pulse width measurement mode
11: PPG (Programmable pulse generate) output mode
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com