Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 114 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 114 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 110Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 111Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 112Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 113Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 114Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 115Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 116Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 117Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 118Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 296 page
background image
Page 98
9. 16-Bit Timer/Counter2 (TC2)
9.3 Function
TMP86FS49AIUG
Figure 9-4 Window Mode Timing Chart
Example :Generates an interrupt, inputting “H” level pulse width of 120 ms or more. (at fc = 16 MHz, TBTCR<DV7CK> =
“0” )
LDW
(TC2DR), 00EAH
; Sets TC2DR (120 ms
÷ 213/fc = 00EAH)
DI
; IMF= “0”
SET
(EIRE). 6
; Enables INTTC2 interrupt
EI
; IMF= “1”
LD
(TC2CR), 00000101B
; TC2 source clock / mode select
LD
(TC2CR), 00100101B
; Starts TC2
Match detect
INTTC2 interrupt
Internal clock
Counter
TC2DR
TC2 pin input
Counter clear
12
3
n
0
1
2
Timer start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com