Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 170 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 170 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 166Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 167Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 168Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 169Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 170Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 171Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 174Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 296 page
background image
Page 154
13. Asynchronous Serial interface (UART2 )
13.6 STOP Bit Length
TMP86FS49AIUG
13.6 STOP Bit Length
Select a transmit stop bit length (1 bit or 2 bits) by UART2CR1<STBT>.
13.7 Parity
Set
parity
/
no
parity
by
UART2CR1<PE>
and
set
parity
type
(Odd-
or
Even-numbered)
by
UART2CR1<EVEN>.
13.8 Transmit/Receive Operation
13.8.1 Data Transmit Operation
Set UART2CR1<TXE> to “1”. Read UART2SR to check UART2SR<TBEP> = “1”, then write data in
TD2BUF (Transmit data buffer). Writing data in TD2BUF zero-clears UART2SR<TBEP>, transfers the data
to the transmit shift register and the data are sequentially output from the TXD2 pin. The data output include a
one-bit start bit, stop bits whose number is specified in UART2CR1<STBT> and a parity bit if parity addition
is specified. Select the data transfer baud rate using UART2CR1<BRG>. When data transmit starts, transmit
buffer empty flag UART2SR<TBEP> is set to “1” and an INTTXD2 interrupt is generated.
While UART2CR1<TXE> = “0” and from when “1” is written to UART2CR1<TXE> to when send data are
written to TD2BUF, the TXD2 pin is fixed at high level.
When transmitting data, first read UART2SR, then write data in TD2BUF. Otherwise, UART2SR<TBEP> is
not zero-cleared and transmit does not start.
13.8.2 Data Receive Operation
Set UART2CR1<RXE> to “1”. When data are received via the RXD2 pin, the receive data are transferred to
RD2BUF (Receive data buffer). At this time, the data transmitted includes a start bit and stop bit(s) and a parity
bit if parity addition is specified. When stop bit(s) are received, data only are extracted and transferred to
RD2BUF (Receive data buffer). Then the receive buffer full flag UART2SR<RBFL> is set and an INTRXD2
interrupt is generated. Select the data transfer baud rate using UART2CR1<BRG>.
If an overrun error (OERR) occurs when data are received, the data are not transferred to RD2BUF (Receive
data buffer) but discarded; data in the RD2BUF are not affected.
Note:When a receive operation is disabled by setting UART2CR1<RXE> bit to “0”, the setting becomes valid when
data receive is completed. However, if a framing error occurs in data receive, the receive-disabling setting
may not become valid. If a framing error occurs, be sure to perform a re-receive operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com