Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 175 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 175 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 171Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 176Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 177Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 178Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 179Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 296 page
background image
Page 159
TMP86FS49AIUG
14. Synchronous Serial Interface (SIO1)
The serial interfaces connect to an external device via SI1, SO1, and SCK1 pins.
When these pins are used as serial interface, the output latches for each port should be set to "1".
14.1 Configuration
Figure 14-1 Synchronous Serial Interface (SIO)
interrupt
Internal clock
input
To BUS
Shift register on transmitter
Shift register on receiver
(Serial data output)
Control circuit
Shift clock
Internal data bus
Port
(Note)
(Serial clock input/output)
Port
(Note)
(Serial data input)
Port
(Note)
Note: Set the register of port correctly for the port assigned as serial interface pins.
For details, see the description of the input/output port control register.
MSB/LSB
selection
SO1 pin
SI1 pin
SIO1TDB
SIO1RDB
SCK1
pin
INTSIO1
SIO1CR
SIO1SR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com