Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 222 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 222 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 218Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 219Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 220Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 221Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 222Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 223Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 224Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 225Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 226Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 296 page
background image
Page 206
16. Serial Bus Interface(I2C Bus) Ver.-D (SBI)
16.6 Data Transfer of I2C Bus
TMP86FS49AIUG
16.6.3.1 When the MST is “1” (Master mode)
Check the TRX and determine whether the mode is a transmitter or receiver.
(1)
When the TRX is “1” (Transmitter mode)
Test the LRB. When the LRB is “1”, a receiver does not request data. Implement the process to
generate a stop condition (Described later) and terminate data transfer.
When the LRB is “0”, the receiver requests next data. When the next transmitted data is other than
8 bits, set the BC, set the ACK to “1”, and write the transmitted data to the SBIDBR. After writing
the data, the PIN becomes “1”, a serial clock pulse is generated for transferring a next 1 word of data
from the SCL pin, and then the 1 word of data is transmitted. After the data is transmitted, and an
INTSBI interrupt request occurs. The PIN become “0” and the SCL pin is set to low level. If the data
to be transferred is more than one word in length, repeat the procedure from the LRB test above.
Figure 16-10 Example of when BC = “000”, ACK = “1”
(2)
When the TRX is “0” (Receiver mode)
When the next transmitted data is other than of 8 bits, set the BC again. Set the ACK to “1” and
read the received data from the SBIDBR (Reading data is undefined immediately after a slave
address is sent). After the data is read, the PIN becomes “1”. A serial bus interface circuit outputs a
serial clock pulse to the SCL pin to transfer next 1-word of data and sets the SDA pin to “0” at the
acknowledge signal timing.
An INTSBI interrupt request occurs and the PIN becomes “0”. Then a serial bus interface circuit
outputs a clock pulse for 1-word of data transfer and the acknowledge signal each time that received
data is read from the SBIDBR.
Figure 16-11 Example of when BC = “000”, ACK = “1”
D7
D6
2
3
4
5
6
7
8
9
D5
D4
D3
D2
D1
D0
1
Acknowledge
signal from a
receiver
SCL pin
SDA pin
PIN
INTSBI
interrupt request
Write to SBIDBR
D7
D6
2
3
4
5
6
7
8
9
D5
D4
D3
D2
D1
New D7
D0
1
Acknowledge
signal to a
transmitter
SCL pin
SDA pin
PIN
INTSBI
interrupt request
Read SBIDBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com