Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 235 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 235 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 231Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 232Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 233Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 234Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 235Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 236Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 237Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 238Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 239Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 296 page
background image
Page 219
TMP86FS49AIUG
17.6 Precautions about AD Converter
17.6.1 Restrictions for AD Conversion interrupt (INTADC) usage
When an AD interrupt is used, it may not be processed depending on program composition. For example, if
an INTADC interrupt request is generated while an interrupt with priority lower than the interrupt latch IL15
(INTADC) is being accepted, the INTADC interrupt latch may be cleared without the INTADC interrupt being
processed.
The completion of AD conversion can be detected by the following methods:
(1) Method not using the AD conversion end interrupt
Whether or not AD conversion is completed can be detected by monitoring the AD conversion end flag
(EOCF) by software. This can be done by polling EOCF or monitoring EOCF at regular intervals after start of
AD conversion.
(2) Method for detecting AD conversion end while a lower-priority interrupt is being processed
While an interrupt with priority lower than INTADC is being processed, check the AD conversion end flag
(EOCF) and interrupt latch IL15. If IL15 = 0 and EOCF = 1, call the AD conversion end interrupt processing
routine with consideration given to PUSH/POP operations. At this time, if an interrupt request with priority
higher than INTADC has been set, the AD conversion end interrupt processing routine will be executed first
against the specified priority. If necessary, we recommend that the AD conversion end interrupt processing
routine be called after checking whether or not an interrupt request with priority higher than INTADC has been
set.
17.6.2 Analog input pin voltage range
Make sure the analog input pins (AIN0 to AIN15) are used at voltages within VAREF to VSS. If any volt-
age outside this range is applied to one of the analog input pins, the converted value on that pin becomes uncer-
tain. The other analog input pins also are affected by that.
17.6.3 Analog input shared pins
The analog input pins (AIN0 to AIN15) are shared with input/output ports. When using any of the analog
inputs to execute AD conversion, do not execute input/output instructions for all other ports. This is necessary
to prevent the accuracy of AD conversion from degrading. Not only these analog input shared pins, some other
pins may also be affected by noise arising from input/output to and from adjacent pins.
17.6.4 Noise Countermeasure
The internal equivalent circuit of the analog input pins is shown in Figure 17-5. The higher the output
impedance of the analog input source, more easily they are susceptible to noise. Therefore, make sure the out-
put impedance of the signal source in your design is 5 k
Ω or less. Toshiba also recommends attaching a capac-
itor external to the chip.
Figure 17-5
Analog Input Equivalent Circuit and Example of Input Pin Processing
DA converter
AINi
Analog comparator
Internal resistance
Permissible signal
source impedance
Internal capacitance
5 k
Ω (typ)
C = 12 pF (typ.)
5 k
Ω (max)
Note) i = 15 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com