Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 240 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 240 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 236Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 237Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 238Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 239Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 240Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 241Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 242Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 243Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 244Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 296 page
background image
Page 224
19. Flash Memory
19.1 Flash Memory Control
TMP86FS49AIUG
19.1 Flash Memory Control
The flash memory is controlled via the flash memory control register (FLSCR) .
Note 1: The command sequence of the flash memory can be executed only when FLSMD="0011B". In other cases, any attempts
to execute the command sequence are ineffective.
Note 2: FLSMD must be set to either "1100B" or "0011B".
Note 3: BANKSEL is effective only in the serial PROM mode. In the MCU mode, the flash memory is always accessed with actual
addresses (1000-FFFFH) regardless of BANKSEL.
Note 4: Bits 2 through 0 in FLSCR are always read as don’t care.
19.1.1 Flash Memory Command Sequence Execution Control (FLSCR<FLSMD>)
The flash memory can be protected from inadvertent write due to program error or microcontroller misoper-
ation. This write protection feature is realized by disabling flash memory command sequence execution via the
flash memory control register (write protect). To enable command sequence execution, set FLSCR<FLSMD>
to “0011B”. To disable command sequence execution, set FLSCR<FLSMD> to “1100B”. After reset,
FLSCR<FLSMD> is initialized to “1100B” to disable command sequence execution. Normally,
FLSCR<FLSMD> should be set to “1100B” except when the flash memory needs to be written or erased.
19.1.2 Flash Memory Bank Select Control (FLSCR<BANKSEL>)
In the serial PROM mode, a 2-kbyte BOOTROM is mapped to addresses 7800H-7FFFH and the flash mem-
ory is mapped to 2 banks at 8000H-FFFFH. Flash memory addresses 1000H-7FFFH are mapped to 9000H-
FFFFH as BANK0, and flash memory addresses 8000H-FFFFH are mapped to 8000H-FFFFH as BANK1.
FLSCR<BANKSEL> is used to switch between these banks. For example, to access the flash memory address
7000H, set FLSCR<BANKSEL> to “0” and then access F000H. To access the flash memory address 9000H,
set FLSCR<BANKSEL> to “1" and then access 9000H.
In the MCU mode, the flash memory is accessed with actual addresses at 1000H-FFFFH. In this case,
FLSCR<BANKSEL> is ineffective (i.e., its value has no effect on other operations).
Flash Memory Control Register
FLSCR
7
654
32
10
(0FFFH)
FLSMD
BANKSEL
(Initial value : 1100 1***)
FLSMD
Flash memory command sequence exe-
cution control
1100: Disable command sequence execution
0011: Enable command sequence execution
Others: Reserved
R/W
BANKSEL
Flash memory bank select control
(Serial PROM mode only)
0: Select BANK0
1: Select BANK1
R/W
Table 19-1 Flash Memory Access
Operating Mode
FLSCR
<BANKSEL>
Access Area
Specified Address
MCU mode
Don’t care
1000H-FFFFH
Serial PROM mode
0
(BANK0)
1000H-7FFFH
9000H-FFFFH
1
(BANK1)
8000H-FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com