Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 249 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 249 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 245Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 246Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 247Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 248Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 249Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 250Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 251Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 252Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 253Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 296 page
background image
Page 233
TMP86FS49AIUG
20. Serial PROM Mode
20.1 Outline
The TMP86FS49AIUG has a 2048 byte BOOTROM (Mask ROM) for programming to flash memory. The
BOOTROM is available in the serial PROM mode, and controlled by TEST, BOOT and RESET pins. Communica-
tion is performed via UART. The serial PROM mode has seven types of operating mode: Flash memory writing,
RAM loader, Flash memory SUM output, Product ID code output, Flash memory status output, Flash memory eras-
ing and Flash memory read protection setting. Memory address mapping in the serial PROM mode differs from that
in the MCU mode. Figure 20-1 shows memory address mapping in the serial PROM mode.
Note: Though included in above operating range, some of high frequencies are not supported in the serial PROM mode. For
details, refer to “Table 20-5”.
20.2 Memory Mapping
The Figure 20-1 shows memory mapping in the Serial PROM mode and MCU mode.
In the serial PROM mode, the BOOTROM (Mask ROM) is mapped in addresses from 7800H to 7FFFH. The flash
memory is divided into two banks for mapping. Therefore, when the RAM loader mode (60H) is used, it is required
to specify the flash memory address according to Figure 20-1 (For detail of banks and control register, refer to the
chapter of “Flash Memory Control Register”.)
Figure 20-1 Memory Address Maps
Table 20-1 Operating Range in the Serial PROM Mode
Parameter
Min
Max
Unit
Power supply
4.5
5.5
V
High frequency (Note)
2
16
MHz
To use the Flash memory writing command (30H), specify the flash memory addresses from 1000H to FFFFH, that
is the same addresses in the MCU mode, because the BOOTROM changes the flash memory address.
003FH
0000H
64 bytes
2048 bytes
0040H
0FFFH
7800H
7FFFH
8000H
8000H
7FFFH
FFFFH
FFFFH
SFR
RAM
DBR
SFR
RAM
DBR
BOOTROM
Flash memory
Serial PROM mode
MCU mode
9000H
28672 bytes
(BANK0)
32768 bytes
(BANK1)
61440 bytes
003FH
0000H
64 bytes
0040H
0FFFH
1000H
Flash memory
2048 bytes
128 bytes
128 bytes
083FH
0F80H
0F80H
2048 bytes
083FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com