Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 257 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 257 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 253Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 254Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 255Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 256Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 257Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 258Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 259Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 260Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 261Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 296 page
background image
Page 241
TMP86FS49AIUG
20.6.1 Flash Memory Erasing Mode (Operating command: F0H)
Table 20-7 shows the flash memory erasing mode.
Note 1: “xxH
× 3” indicates that the device enters the halt condition after transmitting 3 bytes of xxh.
Note 2: Refer to " 20.13 Specifying the Erasure Area ".
Note 3: Refer to " 20.8 Checksum (SUM) ".
Note 4: Refer to " 20.10 Passwords ".
Note 5: Do not transmit the password string for a blank product.
Note 6: When a password error occurs, TMP86FS49AIUG stops UART communication and enters the halt mode. Therefore,
when a password error occurs, initialize TMP86FS49AIUG by the RESET pin and reactivate the serial PROM mode.
Note 7: If an error occurs during transfer of a password address or a password string, TMP86FS49AIUG stops UART communica-
tion and enters the halt condition. Therefore, when a password error occurs, initialize TMP86FS49AIUG by the RESET pin
and reactivate the serial PROM mode.
Description of the flash memory erasing mode
1. The 1st through 4th bytes of the transmitted and received data contain the same data as in the flash
memory writing mode.
Table 20-7 Flash Memory Erasing Mode
Transfer Byte
Transfer Data from the External
Controller to TMP86FS49AIUG
Baud Rate
Transfer Data from TMP86FS49AIUG to
the External Controller
BOOT
ROM
1st byte
2nd byte
Matching data (5AH)
-
9600 bps
9600 bps
- (Automatic baud rate adjustment)
OK: Echo back data (5AH)
Error: No data transmitted
3rd byte
4th byte
Baud rate change data (Table 20-4)
-
9600 bps
9600 bps
-
OK: Echo back data
Error: A1H
× 3, A3H × 3, 62H × 3 (Note 1)
5th byte
6th byte
Operation command data (F0H)
-
Modified baud rate
Modified baud rate
-
OK: Echo back data (F0H)
Error: A1H
× 3, A3H × 3, 63H × 3 (Note 1)
7th byte
8th byte
Password count storage address bit
15 to 08 (Note 4, 5)
Modified baud rate
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
9th byte
10th byte
Password count storage address bit
07 to 00 (Note 4, 5)
Modified baud rate
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
11th byte
12th byte
Password comparison start address
bit 15 to 08 (Note 4, 5)
Modified baud rate
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
13th byte
14th byte
Password comparison start address
bit 07 to 00 (Note 4, 5)
Modified baud rate
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted)
15th byte
:
m’th byte
Password string (Note 4, 5)
-
Modified baud rate
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
n’th - 2 byte
Erase area specification (Note 2)
Modified baud rate
-
n’th - 1 byte
-
Modified baud rate
OK: Checksum (Upper byte) (Note 3)
Error: Nothing transmitted
n’th byte
-
Modified baud rate
OK: Checksum (Lower byte) (Note 3)
Error: Nothing transmitted
n’th + 1 byte
(Wait for the next operation command
data)
Modified baud rate
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com