Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 262 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 262 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 258Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 259Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 260Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 261Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 262Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 263Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 264Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 265Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 266Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 296 page
background image
Page 246
20. Serial PROM Mode
20.6 Operation Mode
TMP86FS49AIUG
20.6.3 RAM Loader Mode (Operation Command: 60H)
Table 20-9 shows RAM loader mode process.
Note 1: “xxH
× 3” indicates that the device enters the halt condition after sending 3 bytes of xxH. For details, refer to " 20.7 Error
Code ".
Note 2: Refer to " 20.9 Intel Hex Format (Binary) ".
Note 3: Refer to " 20.8 Checksum (SUM) ".
Note 4: Refer to " 20.10 Passwords ".
Note 5: If addresses from FFE0H to FFFFH are filled with “FFH”, the passwords are not compared because the device is consid-
ered as a blank product. Transmitting a password string is not required. Even in the case of a blank product , it is required
to specify the password count storage address and the password comparison start address. Transmit these data from the
external controller. If a password error occurs due to incorrect password count storage address or password comparison
start address, TMP86FS49AIUG stops UART communication and enters the halt condition. Therefore, when a password
error occurs, initialize TMP86FS49AIUG by the RESET pin and reactivate the serial ROM mode.
Note 6: After transmitting a password string, the external controller must not transmit only an end record. If receiving an end
record after a password string, the device may not operate correctly.
Note 7: If the read protection is enabled or a password error occurs, TMP86FS49AIUG stops UART communication and enters
the halt condition. In this case, initialize TMP86FS49AIUG by the RESET pin and reactivate the serial PROM mode.
Table 20-9 RAM Loader Mode Process
Transfer Bytes
Transfer Data from External Control-
ler to TMP86FS49AIUG
Baud Rate
Transfer Data from TMP86FS49AIUG to
External Controller
BOOT
ROM
1st byte
2nd byte
Matching data (5AH)
-
9600 bps
9600 bps
- (Automatic baud rate adjustment)
OK: Echo back data (5AH)
Error: Nothing transmitted
3rd byte
4th byte
Baud rate modification data
(See Table 20-4)
-
9600 bps
9600 bps
-
OK: Echo back data
Error: A1H
× 3, A3H × 3, 62H × 3 (Note 1)
5th byte
6th byte
Operation command data (60H)
-
Modified baud rate
Modified baud rate
-
OK: Echo back data (60H)
Error: A1H
× 3, A3H × 3, 63H × 3 (Note 1)
7th byte
8th byte
Password count storage address bit
15 to 08 (Note 4)
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
9th byte
10th byte
Password count storage address bit
07 to 00 (Note 4)
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
11th byte
12th byte
Password comparison start address
bit 15 to 08 (Note 4)
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
13th byte
14th byte
Password comparison start address
bit 07 to 00 (Note 4)
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
15th byte
:
m’th byte
Password string (Note 5)
-
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
m’th + 1 byte
:
n’th - 2 byte
Intel Hex format (Binary)
(Note 2)
Modified baud rate
Modified baud rate
-
-
n’th - 1 byte
-
Modified baud rate
OK: SUM (Upper byte) (Note 3)
Error: Nothing transmitted
n’th byte
-
Modified baud rate
OK: SUM (Lower byte) (Note 3)
Error: Nothing transmitted
RAM
-
The program jumps to the start address of RAM in which the first transferred data is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com