Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA1661FSG Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1661FSG
Description  18V, 4A, High Efficiency Synchronous Step-Down Converter in SOT563
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1661FSG Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA1661FSG Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ETA1661
www.etasolution.com
2
Empowering Thinkers
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
1
2
3
6
4
VIN
GND
SW
FB
BST
SOT563
5 EN
ETA1661
(Note: Exceeding these limits may damage the device.
Exposure to absolute maximum rating conditions for long
periods may affect device reliability.)
IN, SW, EN Voltage …………...............–0.3V to 19V
BST Voltage...................................–0.3V to SW+6V
FB Voltage ............................................–0.3V to 6V
Operating Temperature Range …... –40°C to 85°C
Storage Temperature Range .........–55°C to 150°C
Thermal Resistance
θJA
θJC
SOT563………….….…...110….….50…....…. °C /W
Lead Temperature (Soldering,10 sec)…........260°C
ELECTRICAL CHARACTERISTICS
(VIN = 12V, VOUT = 3.3V, unless otherwise specified. Typical values are at TA = 25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply Range
4.5
18
V
Input Under Voltage Lock Output
VIN Rising
4.05
V
UVLO Hysteresis
VIN Falling
300
mV
IN Over Voltage Protection Threshold
VIN Rising
19
V
OVP Hysteresis
VIN Falling
0.9
V
Quiescent Current
EN = 2V
230
µA
Shutdown Current
EN = 0V
7
17
µA
FB Pin Regulation Voltage
0.594
0.6
0.606
V
FB Input Current
0
1
uA
Switching Frequency
600
KHz
Maximum Duty Cycle
97
%
Short Circuit Hiccup Time
On Time
2
ms
Off Time
6
ms
FB out-of Hiccup Threshold
VOUT rising
75
%
FB Enter Hiccup Threshold
VOUT falling
50
mV
High Side Switch On Resistance
ISW=1A
68
mΩ
Low Side Switch On Resistance
ISW=1A
32
mΩ
SW Leakage Current
VIN=VSW=12V
10
uA
Peak inductor protection current
High Side ON
8.8
A
Lowside current limit protection
5
A
Reverse Current Protection
200
mA
EN Rising Threshold
1.15
V
EN Threshold Hysteresis
100
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com