Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA1661FSG Datasheet (PDF) - ETA SOLUTIONS CO. LIMITED

ETA1661FSG Datasheet PDF - ETA SOLUTIONS CO. LIMITED
Part # ETA1661FSG
Download  ETA1661FSG Download
File Size   385.78 Kbytes
Page   8 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 18V, 4A, High Efficiency Synchronous Step-Down Converter in SOT563

ETA1661FSG Datasheet (PDF)

Go To PDF Page Download Datasheet
ETA1661FSG Datasheet PDF - ETA SOLUTIONS CO. LIMITED

Part # ETA1661FSG
Download  ETA1661FSG Click to download

File Size   385.78 Kbytes
Page   8 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 18V, 4A, High Efficiency Synchronous Step-Down Converter in SOT563

ETA1661FSG Datasheet (HTML) - ETA SOLUTIONS CO. LIMITED


ETA1661FSG Product details

DESCRIPTION
ETA1661 is a wide input range, high efficiency and
high frequency DC to DC step-down switching
regulator, capable of delivering up to 4A of output
current.
It adopts an Adaptive COT control scheme that
enables very fast transient response and provides
a very smooth transition when the output varies
from light load to heavy load. During light load,
ETA1661 goes into a PFM mode that saves
switching loss achieving high efficiency. The
adaptive COT control also maintains a constant
switching frequency across line and load. An OVP
function protects the IC itself and its downstream
system against input voltage surges.
ETA1661 is available in a tiny SOT563 package.

FEATURES
 Wide Input Range: 4.5V-18V
 Adaptive COT Control
 Ultra-Fast Load Transient Response
 High Efficiency PFM Mode at Light Load
 Low Rdson Internal Power FETs
 Capable of Delivering up to 4A
 Thermal Shutdown and UVLO
 Available in SOT563

APPLICATIONS
 5G CPE
 Set Top Box
 LCD TV




Similar Part No. - ETA1661FSG

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1611 ETA-ETA1611 Datasheet
152Kb / 1P
2A, 24V Step-Up Regulator
ETA1617 ETA-ETA1617 Datasheet
160Kb / 1P
40V Boost Converter for LED driver / TFT Bias / USB Power
ETA1637 ETA-ETA1637 Datasheet
288Kb / 1P
Synchronous LED Driver with 0.1%
ETA1638 ETA-ETA1638 Datasheet
290Kb / 1P
Synchronous LED Driver with 0.1% Dimming Accuracy in DFN2x2
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
More results


Similar Description - ETA1661FSG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8632-4 MPS-MPQ8632-4 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-10 MPS-MPQ8632-10 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-15 MPS-MPQ8632-15 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
MPQ8632 MPS-MPQ8632 Datasheet
1Mb / 47P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
logo
Monolithic Power System...
MP9459 MPS-MP9459 Datasheet
1Mb / 19P
17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
Rev. 1.0 1/13/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com