Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA1661FSG Datasheet(PDF) 5 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1661FSG
Description  18V, 4A, High Efficiency Synchronous Step-Down Converter in SOT563
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1661FSG Datasheet(HTML) 5 Page - ETA SOLUTIONS CO. LIMITED

  ETA1661FSG Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ETA1661
www.etasolution.com
5
Empowering Thinkers
TYPICAL CHARACTERISTICS cont’d
Typical values are at Ta=25℃ unless otherwise specified
Vout=3.3V; Iout from 1A to 4A
50mV/div
2A/div
Vout=1.2V; Iout from 1A to 4A
50mV/div
2A/div
0
50
100
150
200
250
300
350
400
0
5
10
15
20
Vin (V)
Iq vs. Vin
Iout=0A
0
100
200
300
400
500
600
700
800
900
0.5
1.5
2.5
3.5
Iout (A)
Freq. vs. Iout
Vin=5V
Vin=9V
Vin=12V
Vin=17V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com