Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA1661FSG Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1661FSG
Description  18V, 4A, High Efficiency Synchronous Step-Down Converter in SOT563
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1661FSG Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1661FSG Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1661FSG Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ETA1661
www.etasolution.com
1
Empowering Thinkers
18V, 4A, High Efficiency Synchronous Step-Down Converter
in SOT563
DESCRIPTION
FEATURES
ETA1661 is a wide input range, high efficiency and
high frequency DC to DC step-down switching
regulator, capable of delivering up to 4A of output
current.
It adopts an Adaptive COT control scheme that
enables very fast transient response and provides
a very smooth transition when the output varies
from light load to heavy load. During light load,
ETA1661 goes into a PFM mode that saves
switching loss achieving high efficiency. The
adaptive COT control also maintains a constant
switching frequency across line and load. An OVP
function protects the IC itself and its downstream
system against input voltage surges.
ETA1661 is available in a tiny SOT563 package.
Wide Input Range: 4.5V-18V
Adaptive COT Control
Ultra-Fast Load Transient Response
High Efficiency PFM Mode at Light Load
Low Rdson Internal Power FETs
Capable of Delivering up to 4A
Thermal Shutdown and UVLO
Available in SOT563
APPLICATIONS
5G CPE
Set Top Box
LCD TV
TYPICAL APPLICATION
OUTPUT
3.3V
INPUT
12V
R1
30K
R2
6.8K
ENABLE INPUT
2
SW
1 VIN
6
FB
EN
GND
BST
3
5
4
100nF
Cout
2*22uF
ETA1661
Cin
10uF
2.2uH
Cff 47pF
optional
Cin
100nF
ORDERING
INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA1661FSG
FCSOT563
UDYW
5000


Similar Part No. - ETA1661FSG

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1611 ETA-ETA1611 Datasheet
152Kb / 1P
2A, 24V Step-Up Regulator
ETA1617 ETA-ETA1617 Datasheet
160Kb / 1P
40V Boost Converter for LED driver / TFT Bias / USB Power
ETA1637 ETA-ETA1637 Datasheet
288Kb / 1P
Synchronous LED Driver with 0.1%
ETA1638 ETA-ETA1638 Datasheet
290Kb / 1P
Synchronous LED Driver with 0.1% Dimming Accuracy in DFN2x2
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
More results

Similar Description - ETA1661FSG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8632-4 MPS-MPQ8632-4 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-10 MPS-MPQ8632-10 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-15 MPS-MPQ8632-15 Datasheet
1Mb / 46P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
MPQ8632 MPS-MPQ8632 Datasheet
1Mb / 47P
High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
logo
Monolithic Power System...
MP9459 MPS-MP9459 Datasheet
1Mb / 19P
17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
Rev. 1.0 1/13/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com