Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0915768 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0915768
Description  TMCP 1 M1 300 2,0A - Thermal-magnetic device circuit breaker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0915768 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0915768 Datasheet HTML 1Page - PHOENIX CONTACT 0915768 Datasheet HTML 2Page - PHOENIX CONTACT 0915768 Datasheet HTML 3Page - PHOENIX CONTACT 0915768 Datasheet HTML 4Page - PHOENIX CONTACT 0915768 Datasheet HTML 5Page - PHOENIX CONTACT 0915768 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Width
12.5 mm
Height
50 mm
Depth
78.5 mm
Complete module width
38 mm
Complete module height
115 mm
Complete module depth
121 mm
Material specifications
Color
black (RAL 9005)
Flammability rating according to UL 94
V-2
Insulating material group
II
Insulating material
PA66
Mechanical properties
Mechanical data
Open side panel
No
Environmental and real-life conditions
Ambient conditions
IP30 (Actuation area)
Degree of protection
IP00 (Connection area)
Ambient temperature (operation)
-30 °C ... 60 °C
Humidity test
240 h, 95 % RH, 40 °C
Standards and regulations
Standards/specifications
EN 60934
Standards/specifications
UL 1077
Mounting
Mounting type
on base element
TMCP 1 M1 300 2,0A - Thermal-magnetic device
circuit breaker
0915768
https://www.phoenixcontact.com/us/products/0915768
Apr 8, 2025, 7:45 AM
Page 3 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com