Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0915768 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0915768
Description  TMCP 1 M1 300 2,0A - Thermal-magnetic device circuit breaker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0915768 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0915768 Datasheet HTML 1Page - PHOENIX CONTACT 0915768 Datasheet HTML 2Page - PHOENIX CONTACT 0915768 Datasheet HTML 3Page - PHOENIX CONTACT 0915768 Datasheet HTML 4Page - PHOENIX CONTACT 0915768 Datasheet HTML 5Page - PHOENIX CONTACT 0915768 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Thermal-magnetic circuit breaker, 1-pos., normal blow, 1 N/O contact and 1 N/C contact
Your advantages
Individually adjustable with protective plugs
•
Switch higher starting currents with the aid of the M1 characteristic curve
•
High-level system transparency with integrated remote indication contact
•
Fast, replacement part-free recommissioning after an event with the reconnection options
•
Commercial data
Item number
0915768
Packing unit
1 pc
Sales key
CL04
Product key
CLA123
Catalog page
Page 281 (CL-2002)
GTIN
4017918600600
Weight per piece (including packing)
48.35 g
Weight per piece (excluding packing)
46.08 g
Customs tariff number
85362010
Country of origin
DE
TMCP 1 M1 300 2,0A - Thermal-magnetic device
circuit breaker
0915768
https://www.phoenixcontact.com/us/products/0915768
Apr 8, 2025, 7:45 AM
Page 1 (6)


Similar Part No. - 0915768

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0915771304 MOLEX11-0915771304 Datasheet
198Kb / 4P
1.27mm (.050") Pitch Picoflex PF-50 IDT Receptacle, Low Profile, Alternative Stagger
0915771306 MOLEX11-0915771306 Datasheet
198Kb / 4P
1.27mm (.050") Pitch Picoflex PF-50 IDT Receptacle, Low Profile, Alternative Stagger, Board-In, 6 Circuits
0915771308 MOLEX11-0915771308 Datasheet
198Kb / 4P
1.27mm (.050") Pitch Picoflex PF-50 IDT Receptacle, Low Profile, Alternative Stagger, Board-In, 8 Circuits
0915771310 MOLEX11-0915771310 Datasheet
198Kb / 4P
1.27mm (.050") Pitch Picoflex PF-50 IDT Receptacle, Low Profile, Alternative Stagger
0915771312 MOLEX11-0915771312 Datasheet
198Kb / 4P
1.27mm (.050") Pitch Picoflex PF-50 IDT Receptacle, Low Profile, Alternative Stagger, Board-In, 12 Circuits
More results

Similar Description - 0915768

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0916123 PHOENIX-0916123 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 2,0A
0916149 PHOENIX-0916149 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 3,0A
0916178 PHOENIX-0916178 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 6,0A
0916194 PHOENIX-0916194 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 10,0A
0916217 PHOENIX-0916217 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 16,0A
0914455 PHOENIX-0914455 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 2,0A
11.06.2012
0914633 PHOENIX-0914633 Datasheet
162Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 200 2,0A
04.10.2012
0915784 PHOENIX-0915784 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 M1 300
11.06.2012
0915810 PHOENIX-0915810 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 M1 300 6.0A
11.06.2012
0915836 PHOENIX-0915836 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 M1 300 10.0A
11.06.2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com